Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD0205F5050AHF Arkusz danych(PDF) 3 Page - Anaren Microwave

Numer części BD0205F5050AHF
Szczegółowy opis  Ultra Low Profile 1608 Balun 50 to 50 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANAREN [Anaren Microwave]
Strona internetowa  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD0205F5050AHF Arkusz danych(HTML) 3 Page - Anaren Microwave

  BD0205F5050AHF Datasheet HTML 1Page - Anaren Microwave BD0205F5050AHF Datasheet HTML 2Page - Anaren Microwave BD0205F5050AHF Datasheet HTML 3Page - Anaren Microwave BD0205F5050AHF Datasheet HTML 4Page - Anaren Microwave BD0205F5050AHF Datasheet HTML 5Page - Anaren Microwave BD0205F5050AHF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model BD0205F5050AHF
Rev A
Typical Performance: 0 MHz. to 1000 MHz.
Return Loss - Input
-36
-33
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
Frequency [MHz]
Insertion Loss
-3.6
-3.3
-3
-2.7
-2.4
-2.1
-1.8
-1.5
-1.2
-0.9
-0.6
-0.3
0
Frequency [MHz]
Amplitude Balance
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Frequency [MHz]
Phase Balance
-20
-15
-10
-5
0
5
10
15
20
Frequency [MHz]
CM RR
-72
-66
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
Frequency [MHz]


Podobny numer części - BD0205F5050AHF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anaren Microwave
BD0205F5050A00 ANAREN-BD0205F5050A00 Datasheet
400Kb / 4P
   Ultra Low Profile 1608 Balun
More results

Podobny opis - BD0205F5050AHF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anaren Microwave
B0205F50200AHF ANAREN-B0205F50200AHF Datasheet
357Kb / 6P
   Ultra Low Profile 1608 Balun 50 to 200 Balanced
BD1722N5050AHF ANAREN-BD1722N5050AHF Datasheet
3Mb / 6P
   Ultra Low Profile 0404 Balun 50! to 50! Balanced
BD2130J5050AHF ANAREN-BD2130J5050AHF Datasheet
6Mb / 5P
   Ultra Low Profile 0805 Balun 50 to 50! Balanced
B0322J5050AHF ANAREN-B0322J5050AHF_14 Datasheet
3Mb / 6P
   Ultra Low Profile 0805 Balun 50 to 50 Balanced
B0008K5050A00 ANAREN-B0008K5050A00 Datasheet
580Kb / 6P
   Ultra Low Profile 0606 Balun 50 to 50 Balanced
BD2425N5050AHF ANAREN-BD2425N5050AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0404 Balun 50 to 50 Balanced
BD2425N5050AHF ANAREN-BD2425N5050AHF_14 Datasheet
3Mb / 6P
   Ultra Low Profile 0404 Balun 50 to 50 Balanced
B0322J5050AHF ANAREN-B0322J5050AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0805 Balun 50 to 50 Balanced
BD4859N5050AHF ANAREN-BD4859N5050AHF_14 Datasheet
293Kb / 6P
   Ultra Low Profile 0404 Balun 50 to 50 Balanced
BD2425J5050A00 ANAREN-BD2425J5050A00 Datasheet
295Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 50廓 Balanced
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com