Zakładka z wyszukiwarką danych komponentów |
|
SS58L Arkusz danych(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
|
SS58L Arkusz danych(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
2 / 2 page 2.5 0 50 Resistive or inductive Load 5.0 60 70 80 90 100 110 120 130 140 150 160 170 TJ = 125 TJ = 25 0 20 40 60 80 100 120 140 . 01 . 05 .1 .5 10 1 .0 5 .0 TJ =25 Pulse width=300 s 1% duty Cycle . 1 . 3 . 5 . 7 . 9 1.1 1.3 1.5 1 .7 1. 9 2.1 .1 1 10 20 SS52L-SS54L SS55L-SS56L SS58L-SS510L NUMBER OF CYCLES AT 60HZ INSTANTANEOUS FORWARD VOLTAGE,VOLTS PERCENT OF RATED PEAK REVERSE VOLTAGE,% AMBIENT TEMPERATURE ℃ FIG.3 -- TYPICAL FORWARD CHARACTERISTICS FIG.4 -- TYPICAL REVERSE CHARACTERISTICS FIG.1 -- FORWARD DERATING CURVE FIG.2-- PEAK FORWARD SURGE CURRENT 0 1 100 10 8.3ms Single Half Sine Wave TJ=125 3 5 70 105 140 175 PCB MOUNTED ON 0.6X0.6"(16X16mm) COPPER PAD AREAS http://www.trr-jx.com Characteristic Curves (TA=25 ℃ unless otherwise noted) SS52L THRU SS510L Surface Mount Low VF Schottky Rectifiers |
Podobny numer części - SS58L |
|
Podobny opis - SS58L |