Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N010-0550-T717 Arkusz danych(PDF) 3 Page - Fujitsu Component Limited.

Numer części N010-0550-T717
Szczegółowy opis  Resistive Touch Panel Specification FID-550 7-Wire Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FUJITSU [Fujitsu Component Limited.]
Strona internetowa  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

N010-0550-T717 Arkusz danych(HTML) 3 Page - Fujitsu Component Limited.

  N010-0550-T717 Datasheet HTML 1Page - Fujitsu Component Limited. N010-0550-T717 Datasheet HTML 2Page - Fujitsu Component Limited. N010-0550-T717 Datasheet HTML 3Page - Fujitsu Component Limited. N010-0550-T717 Datasheet HTML 4Page - Fujitsu Component Limited. N010-0550-T717 Datasheet HTML 5Page - Fujitsu Component Limited. N010-0550-T717 Datasheet HTML 6Page - Fujitsu Component Limited. N010-0550-T717 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
FID-550 SERIES
n
5.3 ELECTRICAL
Location Accuracy:
±2.5mm Measured over 9 points (See note 1)
Linearity:
1.5%
Current Consumption:
20mA max at DC 5V when applying 5VDC between pins 3 & 5
Switch Bounce (Chattering): 10ms min when using the silicon rubber measurement rod.
Insulation resistance:
10MΩ minimum at 25KV DC applied between pins 3 & 7 or
between 5 and 7
Dielectric Strength:
25KV DC for 1 minute
Note 1:
Measurement condition of linearity is corrected within the
control IC. In general the location accuracy is specified
as follows:
Actual co-ordinate point - theoretical co-ordinate point
= location accuracy.
In general a 9 point co-ordinate calibration system is used
to adjust the micro controller accuracy. (20 point can be
used in combination with an EEPROM design).
Note 2:
Pins 3, 5 and 7 are the glass and film connection points.
n
5.4 ENVIRONMENTAL
Operating Temperature (*):
-5˚C to 60˚C
Storage Temperature:
-30˚C to 70˚C
Operating Humidity:
20% to 90% RH with a Maximum wet bulb temperature of 38˚C
Storage Humidity:
10% ~ 90% RH with a Maximum wet bulb temperature of 38˚C
Chemical Resistance:
Coating with the following chemicals and storing at room temperature for 2
hours gives no problems. 10% NaCl-water solution, ethyl-acetate, ethyl-
alcohol, toluene, methyl-ethyl-ketone.
n
5.5 PEN LIFE
Character Writing life:
1,000,000 words minimum
Touch Input life :
10,000,000 times minimum
Note 1:
Words are written in the notes area and the size of the word is
7.5mm x 6.75mm. A word is any Alphabet / Number / Mark.
The pen is as shown below and applies a force of 250g.
A failure is judged to happen when the current consumption or
insulation resistance or dielectric strength are not met as
shown in 5.3. The location accuracy with 9 point calibration
must be ±4.4 mm max.
9 mm
Notes
Effective input area
Distance
Theoretical
Actual
Error
3.5
9.0
1.0
110.0±1.0
3.0
1.5
R 0.8


Podobny numer części - N010-0550-T717

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
N010-0550-T711 FUJITSU-N010-0550-T711 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0550-T711 FUJITSU-N010-0550-T711 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0550-T711 FUJITSU-N010-0550-T711 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
More results

Podobny opis - N010-0550-T717

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
FID-550 FUJITSU-FID-550_06 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0554-T902 FUJITSU-N010-0554-T902 Datasheet
453Kb / 7P
   STANDARD Resistive Touch Panel Specification
logo
Crystalfontz America, I...
CFAM1024600A0-070R CRYSTAIFONTZ-CFAM1024600A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM800480A0-070R CRYSTAIFONTZ-CFAM800480A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
logo
List of Unclassifed Man...
SP-15LW03 ETC2-SP-15LW03 Datasheet
412Kb / 2P
   5-wire resistive touch sensor
logo
AZ Displays
ATP0644-3 AZDISPLAYS-ATP0644-3 Datasheet
918Kb / 7P
   SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL
logo
Rohm
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com