Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI2365EDS Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI2365EDS
Szczegółowy opis  P-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2365EDS Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI2365EDS Datasheet HTML 1Page - Vishay Siliconix SI2365EDS Datasheet HTML 2Page - Vishay Siliconix SI2365EDS Datasheet HTML 3Page - Vishay Siliconix SI2365EDS Datasheet HTML 4Page - Vishay Siliconix SI2365EDS Datasheet HTML 5Page - Vishay Siliconix SI2365EDS Datasheet HTML 6Page - Vishay Siliconix SI2365EDS Datasheet HTML 7Page - Vishay Siliconix SI2365EDS Datasheet HTML 8Page - Vishay Siliconix SI2365EDS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si2365EDS
Document Number: 63199
S13-1505-Rev. C, 01-Jul-13
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
P-Channel 20 V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
100 % Rg Tested
Built-in ESD Protection
- Typical ESD Performance 3000 V
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
Power Management for Portable and Consumer
- Load Switches
- DC/DC Converters
Notes:
a. TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 175 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
a
Qg (Typ.)
- 20
0.0320 at VGS = - 4.5 V
- 5.9
13.8 nC
0.0410 at VGS = - 2.5 V
- 5.2
0.0675 at VGS = - 1.8 V
- 4.3
Ordering Information:
Si2365EDS-T1-GE3 (Lead (Pb)-free and Halogen-free)
TO-236
(SOT-23)
Top View
* Marking Code
Si2365EDS (H5)*
1
2
3
G
S
D
S
G
D
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 5.9
A
TC = 70 °C
- 4.7
TA = 25 °C
- 4.5b, c
TA = 70 °C
- 3.6b, c
Pulsed Drain Current (t = 300 µs)
IDM
- 20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 1.4
TA = 25 °C
- 1b, c
Maximum Power Dissipation
TC = 25 °C
PD
1.7
W
TC = 70 °C
1.1
TA = 25 °C
1b, c
TA = 70 °C
0.6b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 5 s
RthJA
100
130
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
60
75


Podobny numer części - SI2365EDS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2365EDS VISHAY-SI2365EDS Datasheet
201Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI2365EDS-T1-GE3 VBSEMI-SI2365EDS-T1-GE3 Datasheet
466Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2365EDS VISHAY-SI2365EDS_V01 Datasheet
201Kb / 9P
   P-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI2365EDS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com