Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7459DP Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI7459DP
Szczegółowy opis  P-Channel 30-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7459DP Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI7459DP Datasheet HTML 1Page - Vishay Siliconix SI7459DP Datasheet HTML 2Page - Vishay Siliconix SI7459DP Datasheet HTML 3Page - Vishay Siliconix SI7459DP Datasheet HTML 4Page - Vishay Siliconix SI7459DP Datasheet HTML 5Page - Vishay Siliconix SI7459DP Datasheet HTML 6Page - Vishay Siliconix SI7459DP Datasheet HTML 7Page - Vishay Siliconix SI7459DP Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
Si7459DP
Document Number: 72631
S09-0273-Rev. D, 16-Feb-09
www.vishay.com
1
P-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFETs
New Low Thermal Resistance PowerPAK®
Package with Low 1.07 mm Profile
APPLICATIONS
Battery and Load Switching
- Notebook Computers
- Notebook Battery Packs
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 30
0.0068 at VGS = - 10 V
- 22
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK SO-8
Bottom View
Ordering Information: Si7459DP-T1-E3 (Lead (Pb)-free)
Si7459DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
P-Channel MOSFET
G
S
D
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. See Solder Profile (www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed copper
(not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not
required to ensure adequate bottom side solder interconnection.
c. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 25
Continuous Drain Current (TJ = 150°C)
a
TA = 25 °C
ID
- 22
- 13
A
TA = 70 °C
- 17
- 10
Pulsed Drain Current
IDM
- 60
Continuous Source Current (Diode Conduction)a
IS
- 4.5
- 1.6
Maximum Power Dissipationa
TA = 25 °C
PD
5.4
1.9
W
TA = 70 °C
3.4
1.2
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)b,c
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
18
23
°C/W
Steady State
52
65
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.0
1.5


Podobny numer części - SI7459DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7450DP VISHAY-SI7450DP Datasheet
198Kb / 4P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 13-Feb-06
SI7450DP VISHAY-SI7450DP Datasheet
162Kb / 7P
   N-Channel 200 V (D-S) MOSFET
Rev. F, 11-Feb-13
SI7450DP VISHAY-SI7450DP Datasheet
46Kb / 4P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 16-Apr-01
SI7450DP-T1-E3 VISHAY-SI7450DP-T1-E3 Datasheet
162Kb / 7P
   N-Channel 200 V (D-S) MOSFET
Rev. F, 11-Feb-13
SI7450DP-T1-E3 VISHAY-SI7450DP-T1-E3 Datasheet
390Kb / 12P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI7459DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com