Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2425P50100AHF Arkusz danych(PDF) 1 Page - Anaren Microwave

Numer części BD2425P50100AHF
Szczegółowy opis  Nano Profile 0404 Balun 50 to 100 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANAREN [Anaren Microwave]
Strona internetowa  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2425P50100AHF Arkusz danych(HTML) 1 Page - Anaren Microwave

  BD2425P50100AHF Datasheet HTML 1Page - Anaren Microwave BD2425P50100AHF Datasheet HTML 2Page - Anaren Microwave BD2425P50100AHF Datasheet HTML 3Page - Anaren Microwave BD2425P50100AHF Datasheet HTML 4Page - Anaren Microwave BD2425P50100AHF Datasheet HTML 5Page - Anaren Microwave BD2425P50100AHF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model BD2425P50100AHF
REV A
Nano Profile 0404 Balun
50
to 100
Balanced
Description
The BD2425P50100AHF is a low cost, nano profile sub-miniature unbalanced
to balanced transformer designed for differential inputs and output locations on
modern
chipsets
in
an
easy
to
use
surface
mount
package.
The
BD2425P50100AHF has been developed for placement inside highly integrated,
over moldable packaging solutions where overall module height is of greatest
concern. Ideal for high volume manufacturing and delivers higher performance than
traditional ceramic baluns in a sub 0.5mm height profile. The BD2425P50100AHF
has an unbalanced port impedance of 50Ω and a 100Ω balanced port impedance.
This transformation enables single ended signals to be applied to differential ports
on modern integrated chipsets. The output ports have equal amplitude (-3dB) with
180 degree phase differential. The BD2425P50100AHF is available on tape and reel
for pick and place high volume manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25°°°°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
2400
2500
MHz
Unbalanced Port Impedance
50
Balanced Port Impedance
100
Return Loss
19
28
dB
Insertion Loss*
0.80
0.90
dB
Amplitude Balance
0.90
1.50
dB
Phase Balance
6
9
Degrees
CMRR
24
dB
Power Handling
1
Watts
Features:
• 2400 – 2500 MHz
• 0.45mm Height Profile
• 50 Ohm to 2 x 50 Ohm
• Low Insertion Loss
• 802.11 b+g
• MIMO b+g
• Bluetooth
• Zigbee
• Proprietary Ultra Low Power
Radio
• Surface Mountable
• Tape & Reel
• RoHS Compliant
Operating Temperature
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
Outline Drawing
Mechanical Outline
Dimensions are in Inches [Millimeters]
Tolerances are Non-Cumulative
Bottom View (Far-side)
Side View
Top View (Near-side)
Unbalanced Port
GND / DC Feed
+ RF GND
4
3
Designation
Pin
1
2
Balanced Port
.041±.004
[1.05±0.10]
.041±.004
[1.05±0.10]
.018±.001
[0.45±0.03]
Balanced Port
1
2
3
4
.020 [0.51]
.020 [0.51]
3x.010
[0.25]
3x.010
[0.25]
.012 [0.30]
.012 [0.30]


Podobny numer części - BD2425P50100AHF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anaren Microwave
BD2425P50100A00 ANAREN-BD2425P50100A00 Datasheet
217Kb / 5P
   Nano Profile 0404 Balun 50廓 to 100廓 Balanced
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com