Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP1345-040LF Arkusz danych(PDF) 3 Page - Skyworks Solutions Inc.

Numer części SMP1345-040LF
Szczegółowy opis  SMP1345 Series Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1345-040LF Arkusz danych(HTML) 3 Page - Skyworks Solutions Inc.

  SMP1345-040LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1345-040LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1345-040LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1345-040LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1345-040LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1345-040LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1345-040LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1345-040LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1345-040LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DATA SHEET • SMP1345 SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200046M • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • May 9, 2012
3
Table 3. SMP1345 Series Electrical Specifications (Note 1)
(TA = +25 °C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Reverse current
IR
VR = 50 V
10
μA
Capacitance
CT
F = 1 MHz
V = 1 V
V = 5 V
0.19
0.18
0.20
pF
pF
Resistance
RS
F = 100 MHz
I = 1 mA
I = 10 mA
3.5
1.5
2.0
Ω
Ω
Forward voltage
VF
IF = 10 mA
0.89
V
Carrier lifetime
TI
IF = 10 mA
100
ns
I region width
10
μm
Note 1: Performance is guaranteed only under the conditions listed in this Table.
Table 4. SMP1345-518 PIN Diode Truth Table
CTR1 (V)
CTR2 (V)
Low Loss Paths
3.3
0
RF1 to RF4
RF2 to RF3
0
3.3
RF1 to RF3
RF2 to RF4


Podobny numer części - SMP1345-040LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1345-040LF SKYWORKS-SMP1345-040LF Datasheet
910Kb / 8P
   Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
More results

Podobny opis - SMP1345-040LF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1345 SKYWORKS-SMP1345_15 Datasheet
910Kb / 8P
   Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
SMPA1345-040LF SKYWORKS-SMPA1345-040LF Datasheet
586Kb / 6P
   Very Low Capacitance, Plastic-Packaged Silicon PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com