Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL0639 Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części HCPL0639
Szczegółowy opis  High Speed-10 MBit/s Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0639 Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button HCPL0639 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 10Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 11Page - Fairchild Semiconductor HCPL0639 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.9
8
Typical Performance Curves (HCPL0600, HCPL0601 and HCPL0611 only)
Fig. 9 Typical Enable Propagation Delay vs. Temparature
TA – TEMPERATURE (˚C)
TA – TEMPERATURE (˚C)
TA – TEMPERATURE (˚C)
Fig. 10 Typical Rise and Fall Time vs. Temperature
Fig. 11 Typical Pulse Width Distortion vs. Temperature
-40
-20
0
20
406080
100
0
10
20
30
40
50
60
70
80
90
V
CC
= 5V
VEH = 3V
VEL = 0V
IF = 7.5mA
tELH
RL = 1kΩ
tELH
RL = 350Ω
tEHL
RL = 350
Ω & 1kΩ
-40
-20
0
20406080
100
0
40
80
120
160
200
240
V
CC
= 5V
IF = 7.5mA
tr
RL = 1kΩ
tr
RL = 350Ω
tf
RL = 350Ω & 1kΩ
-40
-20
0
20406080
100
0
5
10
15
20
25
30
35
40
V
CC
= 5V
IF = 7.5mA
RL = 1kΩ
RL = 350Ω


Podobny numer części - HCPL0639

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0639 FAIRCHILD-HCPL0639 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Podobny opis - HCPL0639

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com