Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-3020-500E Arkusz danych(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-3020-500E
Szczegółowy opis  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3020-500E Arkusz danych(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3020-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
Figure 13. Transfer characteristics.
Figure 14. Input current vs. forward voltage.
Figure 15. Propagation delay test circuits and waveforms.
Figure 16. CMR test circuits and waveforms.
0.1 µF
VCC = 15
to 30 V
75
1
3
IF = 7 to 16 mA
VO
+
+
2
4
8
6
7
5
10 KHz
50% DUTY
CYCLE
500
1.5 nF
IF
VOUT
tPHL
tPLH
tf
tr
10%
50%
90%
0.1 µF
VCC = 30 V
1
3
IF
VO
+
+
2
4
8
6
7
5
A
+
B
VCM = 1000 V
5 V
VCM
∆t
0 V
VO
SWITCH AT B: IF = 0 mA
VO
SWITCH AT A: IF = 10 mA
VOL
VOH
∆t
VCM
δV
δt
=
1.2
0
VF – FORWARD VOLTAGE – V
1.8
25
1.4
1.6
5
10
15
20
0
-5
IF – FORWARD LED CURRENT – mA
6
25
15
1
35
2
3
4
5
5
0
10
20
30


Podobny numer części - HCPL-3020-500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
260Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Podobny opis - HCPL-3020-500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com