Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22313UFU10Z Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL22313UFU10Z
Szczegółowy opis  Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22313UFU10Z Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL22313UFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 9Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 10Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 11Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 12Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 13Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 14Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN6421.0
July 17, 2007
Device Address (A1, A0)
The address inputs are used to set the least significant 2 bits
of the 7-bit I2C interface slave address. A match in the slave
address serial data stream must match with the Address
input pins in order to initiate communication with the
ISL22313. A maximum of four ISL22313 devices may
occupy the I2C serial bus (see Table 3).
Principles of Operation
The ISL22313 is an integrated circuit incorporating one DCP
with its associated registers, non-volatile memory and an I2C
serial interface providing direct communication between a
host and the potentiometer and memory. The resistor array
is comprised of individual resistors connected in series. At
either end of the array and between each resistor is an
electronic switch that transfers the potential at that point to
the wiper.
The electronic switches on the device operate in a “make
before break” mode when the wiper changes tap positions.
When the device is powered down, the last value stored in
IVR will be maintained in the non-volatile memory. When
power is restored, the contents of the IVR are recalled and
loaded into the WR to set the wiper to the initial value.
DCP Description
The DCP is implemented with a combination of resistor
elements and CMOS switches. The physical ends of each
DCP are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL pins). The RW pin of the DCP is
connected to intermediate nodes, and is equivalent to the
wiper terminal of a mechanical potentiometer. The position
of the wiper terminal within the DCP is controlled by an 8-bit
volatile Wiper Register (WR). When the WR of a DCP
contains all zeroes (WR[7:0]= 00h), its wiper terminal (RW)
is closest to its “Low” terminal (RL). When the WR register of
a DCP contains all ones (WR[7:0]= FFh), its wiper terminal
(RW) is closest to its “High” terminal (RH). As the value of
the WR increases from all zeroes (0) to all ones (255
decimal), the wiper moves monotonically from the position
closest to RL to the position closest to RH. At the same time,
the resistance between RW and RL increases monotonically,
while the resistance between RH and RW decreases
monotonically.
While the ISL22313 is being powered up, the WR is reset to
80h (128 decimal), which locates RW roughly at the center
between RL and RH. After the power supply voltage
becomes large enough for reliable non-volatile memory
reading, the WR will be reloaded with the value stored in a
non-volatile Initial Value Register (IVR).
The WR and IVR can be read or written to directly using the
I2C serial interface as described in the following sections.
Memory Description
The ISL22313 contains one non-volatile 8-bit Initial Value
Register (IVR), fourteen General Purpose non-volatile 8-bit
registers and two volatile 8-bit registers: Wiper Register (WR)
and Access Control Register (ACR). Memory map of ISL22313
is in Table 1. The non-volatile register (IVR) at address 0,
contains initial wiper position and volatile register (WR) contains
current wiper position.
The non-volatile IVR and volatile WR registers are
accessible with the same address.
The Access Control Register (ACR) contains information
and control bits described below in Table 2.
The VOL bit (ACR[7]) determines whether the access to
wiper registers WR or initial value registers IVR.
If VOL bit is 0, the non-volatile IVR register is accessible. If
VOL bit is 1, only the volatile WR is accessible. Note: Value
is written to IVR register also is written to the WR. The
default value of this bit is 0.
The SHDN bit (ACR[6]) disables or enables Shutdown mode.
When this bit is 0, i.e. DCP is forced to end-to-end open
circuit and RW is shorted to RL as shown on Figure 15.
Default value of the SHDN bit is 1.
TABLE 1. MEMORY MAP
ADDRESS
(hex)
NON-VOLATILE
VOLATILE
10
N/A
ACR
FReserved
E
General Purpose
N/A
D
General Purpose
N/A
C
General Purpose
N/A
B
General Purpose
N/A
A
General Purpose
N/A
9
General Purpose
N/A
8
General Purpose
N/A
7
General Purpose
N/A
6
General Purpose
N/A
5
General Purpose
N/A
4
General Purpose
N/A
3
General Purpose
N/A
2
General Purpose
N/A
1
General Purpose
N/A
0IVR
WR
TABLE 2. ACCESS CONTROL REGISTER (ACR)
BIT #
7
6
5
4
3
210
NAME
VOL
SHDN
WIP
0
0
000
ISL22313


Podobny numer części - ISL22313UFU10Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22313UFU10Z INTERSIL-ISL22313UFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
ISL22313UFU10Z INTERSIL-ISL22313UFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
logo
Renesas Technology Corp
ISL22313UFU10Z RENESAS-ISL22313UFU10Z Datasheet
1Mb / 15P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
More results

Podobny opis - ISL22313UFU10Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com