Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-4516CB647XFA-A75 Arkusz danych(PDF) 7 Page - Elpida Memory

Numer części MC-4516CB647XFA-A75
Szczegółowy opis  16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELPIDA [Elpida Memory]
Strona internetowa  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4516CB647XFA-A75 Arkusz danych(HTML) 7 Page - Elpida Memory

Back Button MC-4516CB647XFA-A75 Datasheet HTML 3Page - Elpida Memory MC-4516CB647XFA-A75 Datasheet HTML 4Page - Elpida Memory MC-4516CB647XFA-A75 Datasheet HTML 5Page - Elpida Memory MC-4516CB647XFA-A75 Datasheet HTML 6Page - Elpida Memory MC-4516CB647XFA-A75 Datasheet HTML 7Page - Elpida Memory MC-4516CB647XFA-A75 Datasheet HTML 8Page - Elpida Memory MC-4516CB647XFA-A75 Datasheet HTML 9Page - Elpida Memory MC-4516CB647XFA-A75 Datasheet HTML 10Page - Elpida Memory MC-4516CB647XFA-A75 Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet E0232N20 (Ver. 2.0)
7
MC-4516CB647XFA
AC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
Test Conditions
Parameter
Value
Unit
AC high level input voltage / low level input voltage
2.4 / 0.4
V
Input timing measurement reference level
1.4
V
Transition time (Input rise and fall time)
1
ns
Output timing measurement reference level
1.4
V
tCK
tCH
tCL
2.4 V
1.4 V
0.4 V
CLK
2.4 V
1.4 V
0.4 V
Input
tSETUP
tHOLD
Output
tAC
tOH


Podobny numer części - MC-4516CB647XFA-A75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4516CB647XF-A75 ELPIDA-MC-4516CB647XF-A75 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Podobny opis - MC-4516CB647XFA-A75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45V16AD641 NEC-MC-45V16AD641 Datasheet
160Kb / 6P
   16M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V16AB642 ELPIDA-MC-45V16AB642 Datasheet
156Kb / 16P
   16M-WORD BY 64-BIT VirtualChannel??DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA726 NEC-MC-4516CA726 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com