Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STGBL6NC60DIT4 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części STGBL6NC60DIT4
Szczegółowy opis  6 A, 600 V hyper fast IGBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGBL6NC60DIT4 Arkusz danych(HTML) 4 Page - STMicroelectronics

  STGBL6NC60DIT4 Datasheet HTML 1Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 2Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 3Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 4Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 5Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 6Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 7Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 8Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STGBL6NC60DI, STGDL6NC60DI, STGPL6NC60DI, STGFL6NC60DI
4/18
Doc ID 15536 Rev 2
2
Electrical characteristics
(Tj=25 °C unless otherwise specified)
Table 4.
Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE = 0)
IC = 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC= 1.5 A
VGE = 15 V, IC= 3 A
VGE= 15 V, IC= 3 A,Tj=125°C
1.9
2.2
2
2.9
V
V
V
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250 µA
3.75
5.75
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 600 V
VCE = 600 V, Tj= 125 °C
50
5
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE = ±20 V
±100
nA
gfs
Forward transconductance
VCE = 15 V, IC= 3 A
3
S
Table 5.
Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
-
208
32.5
5.4
-
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390 V, IC = 3 A,
VGE = 15 V
(see Figure 17)
-
12
2.6
4.9
-
nC
nC
nC


Podobny numer części - STGBL6NC60DIT4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D Datasheet
491Kb / 19P
   N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D Datasheet
523Kb / 19P
   600 V - 6 A hyper fast IGBT
STGBL6NC60DT4 STMICROELECTRONICS-STGBL6NC60DT4 Datasheet
491Kb / 19P
   N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D_08 Datasheet
523Kb / 19P
   600 V - 6 A hyper fast IGBT
More results

Podobny opis - STGBL6NC60DIT4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D_08 Datasheet
523Kb / 19P
   600 V - 6 A hyper fast IGBT
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
   10 A, 600 V fast IGBT
June 2010 Rev 2
STGD10NC60S STMICROELECTRONICS-STGD10NC60S Datasheet
1Mb / 18P
   10 A, 600 V fast IGBT
December 2010 Rev 2
STGP30NC60S STMICROELECTRONICS-STGP30NC60S Datasheet
497Kb / 15P
   30 A, 600 V, fast IGBT
November 2010 Rev 5
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
   40 A, 600 V ultra fast IGBT
November 2008 Rev 2
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
   3 A, 600 V ultra fast IGBT
October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com