Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD597AHZ Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD597AHZ
Szczegółowy opis  Thermocouple Conditioner and Setpoint Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD597AHZ Arkusz danych(HTML) 4 Page - Analog Devices

  AD597AHZ Datasheet HTML 1Page - Analog Devices AD597AHZ Datasheet HTML 2Page - Analog Devices AD597AHZ Datasheet HTML 3Page - Analog Devices AD597AHZ Datasheet HTML 4Page - Analog Devices AD597AHZ Datasheet HTML 5Page - Analog Devices AD597AHZ Datasheet HTML 6Page - Analog Devices AD597AHZ Datasheet HTML 7Page - Analog Devices AD597AHZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD596/AD597
REV. B
–4–
TEMPERATURE PROPORTIONAL OUTPUT MODE
The AD596/AD597 can be used to generate a temperature
proportional output of 10 mV/
°C when operated with J and K
type thermocouples as shown in Figure 1. Thermocouples pro-
duce low level output voltages which are a function of both the
temperature being measured and the reference or cold junction
temperature. The AD596/AD597 compensates for the cold
junction temperature and amplifies the thermocouple signal to
produce a high level 10 mV/
°C voltage output which is a func-
tion only of the temperature being measured. The temperature
stability of the part indicates the sensitivity of the output voltage
to changes in ambient or device temperatures. This is typically
0.02
°C/°C over the +25°C to +100°C recommended ambient
temperature range. The parts will operate over the extended
ambient temperature ranges from –55
°C to +125°C, but ther-
mocouple nonlinearity at the reference junction will degrade the
temperature stability over this extended range. Table I is a list of
ideal AD596/AD597 output voltages as a function of Celsius
temperature for type J and K ANSI standard thermocouples
with package and reference junction at 60
°C. As is normally the
case, these outputs are subject to calibration and temperature
sensitivity errors. These tables are derived using the ideal trans-
fer functions:
AD596 output = (Type J voltage + 301.5
µV) × 180.57
AD597 output = (Type K voltage)
× 245.46
0.01 F
1M
+15V
–15V
100k
10k
100k
CONSTANTAN
(ALUMEL)
IRON
(CHROMEL)
OPTIONAL
OFFSET
ADJUST
0.01 F
VOUT
+5V TO +30V
0 TO –25V
SPAN OF
+5V TO +30V
AD596/
AD597*
*H PACKAGE PINOUT SHOWN
Figure 1. Temperature Proportional Output Connection
The offsets and gains of these devices have been laser trimmed
to closely approximate thermocouple characteristics over mea-
surement temperature ranges centered around 175
°C with the
AD596/AD597 at an ambient temperature between 25
°C and
100
°C. This eliminates the need for additional gain or offset
adjustments to make the output voltage read:
VOUT = 10 mV/
°C × (thermocouple temperature in °C) (within
specified tolerances).
Excluding calibration errors, the above transfer function is accu-
rate to within 1
°C from +80°C to +550°C for the AD596 and
–20
°C to +350°C for the AD597. The different temperature
ranges are due to the differences in J and K type thermocouple
curves.
European DIN FE-CuNi thermocouple vary slightly from ANSI
type J thermocouples. Table I does not apply when these types
of thermocouples are used. The transfer functions given previ-
ously and a thermocouple table should be used instead.
Figure 1 also shows an optional trimming network which can be
used to change the device’s offset voltage. Injecting or sinking
200 nA from Pin 3 will offset the output approximately 10 mV
(1
°C).
The AD596/AD597 can operate from a single supply from 5 V
to 36 V or from split supplies totalling 36 V or less as shown.
Since the output can only swing to within 2 V of the positive
supply, the usable measurement temperature range will be re-
stricted when positive supplies less than 15 V for the AD597
and 10 V for the AD596 are used. If the AD596/AD597 is to be
used to indicate negative Celsius temperatures, then a negative
supply is required.
Common-mode voltages on the thermocouple inputs must
remain within the common-mode voltage range of the AD596/
AD597, with a return path provided for the bias currents. If the
thermocouple is not remotely grounded, then the dotted line
connection shown in Figure 1 must be made to one of the ther-
mocouple inputs. If there is no return path for the bias currents,
the input stage will saturate, causing erroneous output voltages.
In this configuration, the AD596/AD597 H package option has
circuitry which detects the presence of an open thermocouple. If
the thermocouple loop becomes open, one or both of the inputs
to the device will be deprived of bias current causing the output
to saturate. It is this saturation which is detected internally and
used to activate the alarm circuitry. The output of this feature
has a flexible format which can be used to source or sink up to
20 mA of current. The collector (+ALM) should not be allowed
to become more positive than (–VS + 36 V), however, it may be
permitted to be more positive than +VS. The emitter voltage
(–ALM) should be constrained such that it does not become
more positive than 4 V below +VS. If the alarm feature is not
used, this pin should be connected to Pins 4 or 5 as shown in
Figure 1. The alarm function is unavailable on the AR package
option.


Podobny numer części - AD597AHZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD597AH AD-AD597AH Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
More results

Podobny opis - AD597AHZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD597ARZ AD-AD597ARZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596 Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
AD597 AD-AD597_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
2B50 AD-2B50_15 Datasheet
807Kb / 2P
   ISOLATED THERMOCOUPLE SIGNAL CONDITIONER
logo
Intronics Power, Inc.
2B50 INTRONICS-2B50 Datasheet
924Kb / 4P
   Isolated, Thermocouple Signal Conditioner
logo
List of Unclassifed Man...
2B50 ETC1-2B50 Datasheet
50Kb / 1P
   Isolated, Thermocouple Signal Conditioner
logo
Analog Devices
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
1B51 AD-1B51 Datasheet
255Kb / 4P
   Isolated mV/Thermocouple Signal Conditioner
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com