Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A-1201Y Arkusz danych(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Numer części A-1201Y
Szczegółowy opis  1.2 INCH SINGLE DIGIT DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Strona internetowa  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-1201Y Arkusz danych(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-1201Y Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-1201Y Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1.2
INCH
SINGLE
DIGIT
DISPLAY
A-1201Y
REV:A / 0
FEATURES
Û
30.60mm (1.2 inch ) DIGIT HEIGHT
Û
COMMON ANODE
Û
I.C. COMPATIBLE
Û
LOW POWER CONSUMPTION
Û
ROHS COMPLIANCE
Raw Material : GaAsP/GaP
ABSOLUTE MAXIMUM RATING : ( Ta = 25
BC )
SYMBOL
PARAMETER
YELLOW GREEN
UNIT
PD
Power Dissipation Per Segment
140
mW
VR
Reverse Voltage Per Segment(DP)
10(5)
V
IAF
Continuous Forward Current Per Segment
20
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
100
mA
Derating
Linear From 25
BC Per Segment
0.33
mA/
BC
Topr
Operating Temperature Range
-35BC to 85BC
Tstg
Storage Temperature Range
-35BC to 85BC
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25
BC )
SYMBOL
PARAMETER
TEST
CONDITION
MIN.
TYP.
MAX.
UNIT
VF
Forward Voltage , Per Segment(DP)
IF = 20mA
4.2(2.1) 5.6(2.8)
V
IR
Reverse Current , Per Segment(DP)
VR = 10 (5) V
100
mA
lP
Peak Emission Wavelength
IF = 20mA
583
nm
lD
Dominant Wavelength
IF = 20mA
585
nm
Δl
Spectral Line Half-Width
IF = 20mA
30
nm
IV
Luminous Intensity Per Segment
IF = 10mA
1.2
3.0
mcd
DRAWING NO. : DS-11-09-0056
DATE : 2009-04-02
Page : 3
HD-R/RD014
Release
by
PARALIGHTDCC


Podobny numer części - A-1201Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
A-1201Y ETC-A-1201Y Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Podobny opis - A-1201Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PARA LIGHT ELECTRONICS ...
A-1201UB PARALIGHT-A-1201UB Datasheet
195Kb / 10P
   1.2 INCH SINGLE DIGIT DISPLAY
A1201SR PARALIGHT-A1201SR Datasheet
208Kb / 11P
   1.2 INCH SINGLE DIGIT DISPLAY
C-1201E PARALIGHT-C-1201E Datasheet
210Kb / 10P
   1.2 INCH SINGLE DIGIT DISPLAY
C-1201Y PARALIGHT-C-1201Y Datasheet
207Kb / 11P
   1.2 INCH SINGLE DIGIT DISPLAY
C-1201SR PARALIGHT-C-1201SR Datasheet
206Kb / 10P
   1.2 INCH SINGLE DIGIT DISPLAY
A-1201G PARALIGHT-A-1201G Datasheet
286Kb / 12P
   1.2 INCH SINGLE DIGIT DISPLAY
C-1201G PARALIGHT-C-1201G Datasheet
209Kb / 11P
   1.2 INCH SINGLE DIGIT DISPLAY
logo
Inolux Corporation
HNTS120 INOLUX-HNTS120 Datasheet
1Mb / 17P
   1.2 Single Digit Numeric Display
logo
Kingbright Corporation
PSA12-11SRWA KINGBRIGHT-PSA12-11SRWA Datasheet
204Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSC12-11YWA KINGBRIGHT-PSC12-11YWA Datasheet
205Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com