Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A-2301UB Arkusz danych(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Numer części A-2301UB
Szczegółowy opis  2.24 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Strona internetowa  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-2301UB Arkusz danych(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-2301UB Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301UB Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301UB Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301UB Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301UB Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301UB Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301UB Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301UB Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301UB Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2.24
INCH
SINGLE
DIGIT
DISPLAY
A-2301UB B/W
RE:A / 0
FEATURES
Û
56.90mm (2.24 inch ) DIGIT HEIGHT
Û
COMMON ANODE
Û
LOW POWER CONSUMPTION
Û
Pb FREE PRODUCTS
Û
ROHS COMPLIANCE
Û
BLACK FACE, WHITE SEGMENTS
Û
HIGHLIGHT<400V THE LED CAN WITHSTAND THE MAX STATIC LEVEL
WHEN ASSEMBLING OR OPERATION
Raw Material : GaInN/GaN
ABSOLUTE MAXIMUM RATING : ( Ta = 25
BC )
SYMBOL
PARAMETER
ULTRA BLUE
UNIT
PD
Power Dissipation Per Segment
320
mW
VR
Reverse Voltage Per Segment(DP)
20(10)
V
IAF
Continuous Forward Current Per Segment
20
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
60
mA
Derating
Linear From 25
BC Per Segment
0.4
mA/
BC
Topr
Operating Temperature Range
-35BC to 85BC
Tstg
Storage Temperature Range
-35BC to 85BC
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25
BC )
SYMBOL
PARAMETER
TEST
CONDITION
MIN.
TYP.
MAX.
UNIT
VF
Forward Voltage , Per Segment(DP)
IF = 20mA
14.0(7.0) 16.0(8.0)
V
IR
Reverse Current , Per Segment(DP)
VR = 20(10)V
100
mA
lP
Peak Emission Wavelength
IF = 20mA
458
nm
lD
Dominant Wavelength
IF = 20mA
462
nm
Δl
Spectral Line Half-Width
IF = 20mA
30
nm
IV
Luminous Intensity Per Segment
IF = 10mA
22.4
56.0
mcd
BIN CODE ( IF = 10mA )
BIN
CODE
L
M
N
O
P
Q
IV(mcd)
22.4-32.15
32.16-45.75
45.76-61.38
61.39-83.71
83.72-107.2
107.21-140
DRAWING NO. : DS-11-10-0020
DATE : 2010-04-12
Page : 3
Release
by
PARALIGHTDCC


Podobny numer części - A-2301UB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
A-2301E ETC-A-2301E Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-2301E PARALIGHT-A-2301E Datasheet
202Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
A-2301G ETC-A-2301G Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-2301G-A PARALIGHT-A-2301G-A Datasheet
200Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
A-2301H ETC-A-2301H Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Podobny opis - A-2301UB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PARA LIGHT ELECTRONICS ...
C-2301UB-A PARALIGHT-C-2301UB-A Datasheet
197Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301SRD-A PARALIGHT-A-2301SRD-A Datasheet
198Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
C-2301Y PARALIGHT-C-2301Y Datasheet
208Kb / 11P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301E PARALIGHT-A-2301E Datasheet
202Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301G-A PARALIGHT-A-2301G-A Datasheet
200Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
C-2301E PARALIGHT-C-2301E Datasheet
213Kb / 11P
   2.24 INCH SINGLE DIGIT DISPLAY
C-2301G PARALIGHT-C-2301G Datasheet
210Kb / 11P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301Y PARALIGHT-A-2301Y Datasheet
196Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
logo
Everlight Electronics C...
ELS-2326SURWA-S530-A3 EVERLIGHT-ELS-2326SURWA-S530-A3 Datasheet
130Kb / 7P
   2.24" Single Digit Displays
ELS-2326USOWA EVERLIGHT-ELS-2326USOWA Datasheet
121Kb / 6P
   2.24 Single Digit Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com