Zakładka z wyszukiwarką danych komponentów |
|
A-3001E Arkusz danych(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD. |
|
A-3001E Arkusz danych(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD. |
3 / 11 page 3.00 INCH SINGLE DIGIT DISPLAY A-3001E REV:A / 0 FEATURES Û 76.00mm (3.00 inch ) DIGIT HEIGHT Û COMMON ANODE Û I.C. COMPATIBLE Û LOW POWER CONSUMPTION Û Pb FREE PRODUCTS Û ROHS COMPLIANCE Raw Material : GaAsP/GaP ABSOLUTE MAXIMUM RATING : ( Ta = 25 BC ) SYMBOL PARAMETER HI.EFFI.RED UNIT PD Power Dissipation Per Segment 500 mW VR Reverse Voltage Per Segment(DP) 30(10) V IAF Continuous Forward Current Per Segment 20 mA IPF Peak Forward Current Per Segment (1/10 Duty Cycle,0.1ms Pulse Width) 100 mA - Derating Linear From 25 BC Per Segment 0.33 mA/ BC Topr Operating Temperature Range -35BC to 85BC Tstg Storage Temperature Range -35BC to 85BC ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25 BC ) SYMBOL PARAMETER TEST CONDITION MIN. TYP. MAX. UNIT VF Forward Voltage , Per Segment(DP) IF = 20mA 12.6(4.2) 16.8(5.6) V IR Reverse Current , Per Segment(DP) VR = 30 (10)V 100 mA lP Peak Emission Wavelength IF = 20mA 632 nm lD Dominant Wavelength IF = 20mA 622 nm Δl Spectral Line Half-Width IF = 20mA 35 nm IV Luminous Intensity Per Segment IF = 10mA 1.6 4.0 mcd DRAWING NO. : DS-11-09-0076 DATE : 2009-04-02 Page : 3 HD-R/RD014 Release by PARALIGHTDCC |
Podobny numer części - A-3001E |
|
Podobny opis - A-3001E |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |