Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

A-4001G Arkusz danych(PDF) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Numer części A-4001G
Szczegółowy opis  4.0 INCH SINGLE DIGIT DISPLAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Strona internetowa  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-4001G Arkusz danych(HTML) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-4001G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. A-4001G Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
4.0
INCH
SINGLE
DIGIT
DISPLAY
A-4001G
REV:A / 0
2) Use Display with holder made of resin (Fig.4) to position the PIN.
—FORMED LEAD
1) The PIN should be bent at a point located at least 2mm away from the package. Bending should
be performed with base fixed means of a jig or pliers (Fig.5)
2) Forming PIN should be carried our prior to soldering and never during or after soldering.
3) Form the PIN to ensure alignment between the PIN and the hole on board, so that stress against
the Display is prevented. (Fig.6)
DRAWING NO. : DS-11-11-0162G-1
DATE : 2011-04-25
Page : 9
Fig.5
Fig.6
Fig.4
Release
by
PARALIGHTDCC


Podobny numer części - A-4001G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
A-4001G ETC-A-4001G Datasheet
79Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Podobny opis - A-4001G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
China Semiconductor Cor...
CSS-4018VM9 CHINASEMI-CSS-4018VM9 Datasheet
218Kb / 7P
   4.0 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-4001Y PARALIGHT-A-4001Y Datasheet
215Kb / 11P
   4.0 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-4012D CHINASEMI-CSS-4012D Datasheet
194Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012E CHINASEMI-CSS-4012E Datasheet
196Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012G CHINASEMI-CSS-4012G Datasheet
197Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012M9 CHINASEMI-CSS-4012M9 Datasheet
196Kb / 6P
   4.0 Inch Single Digit Display
CSS-4012S CHINASEMI-CSS-4012S Datasheet
195Kb / 6P
   4.0 Inch Single Digit Display
CSS-4018SG CHINASEMI-CSS-4018SG Datasheet
225Kb / 7P
   4.0 Inch Single Digit Display
CSS-4018EG CHINASEMI-CSS-4018EG Datasheet
224Kb / 7P
   4.0 Inch Single Digit Display
CSS-4012V9 CHINASEMI-CSS-4012V9 Datasheet
190Kb / 6P
   4.0 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com