Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT64-05W Arkusz danych(PDF) 3 Page - Infineon Technologies AG

Numer części BAT64-05W
Szczegółowy opis  For low-loss, fast-recovery, meter protection, bias isolation and clamping application
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT64-05W Arkusz danych(HTML) 3 Page - Infineon Technologies AG

  BAT64-05W Datasheet HTML 1Page - Infineon Technologies AG BAT64-05W Datasheet HTML 2Page - Infineon Technologies AG BAT64-05W Datasheet HTML 3Page - Infineon Technologies AG BAT64-05W Datasheet HTML 4Page - Infineon Technologies AG BAT64-05W Datasheet HTML 5Page - Infineon Technologies AG BAT64-05W Datasheet HTML 6Page - Infineon Technologies AG BAT64-05W Datasheet HTML 7Page - Infineon Technologies AG BAT64-05W Datasheet HTML 8Page - Infineon Technologies AG BAT64-05W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2014-02-11
3
BAT64...
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 10 µA
V(BR)
40
-
-
V
Reverse current
VR = 30 V
VR = 30 V, TA = 85 °C
IR
-
-
-
-
2
200
µA
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 30 mA
IF = 100 mA
VF
270
310
370
500
320
385
440
570
350
430
520
750
mV
AC Characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
CT
-
4
6
pF
Reverse recovery time
IF = 10 mA, IR = 10 mA, measured IR = 1 mA ,
RL = 100 Ω
trr
-
-
5
ns


Podobny numer części - BAT64-05W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BAT64-05W SIEMENS-BAT64-05W Datasheet
69Kb / 6P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
logo
Infineon Technologies A...
BAT64-05W INFINEON-BAT64-05W Datasheet
491Kb / 7P
   Silicon Schottky Diodes
Mar-10-2004
logo
Guangdong Kexin Industr...
BAT64-05W KEXIN-BAT64-05W Datasheet
49Kb / 2P
   Silicon Schottky Diodes
logo
Infineon Technologies A...
BAT64-05W INFINEON-BAT64-05W Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
logo
Micro Commercial Compon...
BAT64-05W MCC-BAT64-05W Datasheet
641Kb / 2P
   Small Signal Schottky Diode
More results

Podobny opis - BAT64-05W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BAT64-06E6327 INFINEON-BAT64-06E6327 Datasheet
219Kb / 12P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
BAT54-02VH6327 INFINEON-BAT54-02VH6327 Datasheet
967Kb / 15P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2011-06-29
BAS125-07WH6327 INFINEON-BAS125-07WH6327 Datasheet
104Kb / 8P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-04-19
logo
Siemens Semiconductor G...
BAS125W SIEMENS-BAS125W Datasheet
106Kb / 5P
   Preliminary data Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping application)
BAS125-07W SIEMENS-BAS125-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAS125 SIEMENS-BAS125 Datasheet
104Kb / 5P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications)
BAT64-W SIEMENS-BAT64-W Datasheet
69Kb / 6P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07 SIEMENS-BAT64-07 Datasheet
88Kb / 4P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64 SIEMENS-BAT64 Datasheet
91Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
BAT64-07W SIEMENS-BAT64-07W Datasheet
34Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com