Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS41-102M Arkusz danych(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Numer części GS41-102M
Szczegółowy opis  Surge Absorbers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Strona internetowa  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

GS41-102M Arkusz danych(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  GS41-102M Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD GS41-102M Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
Surge Absorbers
GS41 Series
1000A
1 Application:
Fast Delivery Time
·For instantaneous over-voltage protection to ADSL,ISDN,MODEM,FAX,TEL,Power Supplies,Alarm systems.
·For instantaneous over-voltage protection to RS485,RS232 port, CATV,video transceiver.
·For instantaneous over-voltage protection to ammeter,water meter auto admin system, etc
2 Features
·Small capacitance and excellent insulation resistance(100MΩ min).
·Small size,No polarity.No dark effect.
·Low electrode capacitance(1pF max).
·Quick response for electrostatic,surge voltage and low limiting voltage.
·Stable for repeated discharge test conditions.
·Operating temperature: -40℃ ~ +85℃. Storage temperature: -40℃ ~ +125℃.
3 Electrical Characteristics
Part Number
DC Spark-Over Voltage
Vs(V)
Nominal value(Min-Max)
Insulation Resistance
Capacitance
of electrostatic
Surge current
capacity
8/20us
Surge
Life
Test voltage
IR (MΩ)
1KHz-6V
GS41-141N
140V
(98V-182V)
DC100V
>1000MΩ
1PF(MAX)
1000A
10/700us
4KV
10times
GS41-181N
180V
(126V-234V)
GS41-201M
200V
(160V-240V)
GS41-251M
250V
(200V-300V)
GS41-301M
300V
(240V-360V)
GS41-401M
400V
(320V-480V)
GS41-471M
470V
400V-560V)
GS41-501M
500V
(400V-600V)
DC250V
>1000MΩ
GS41-601M
600V
(480V-720V)
GS41-701M
700V
(560V-840V)
GS41-801M
800V
(640V-960V)
GS41-102M
1000V
(800V-1200V)
GS41-152M
1500V
(1200V-1800V)
4 Dimension(mm):
Model Series
GS41
φ2.6±0.3
φ4.3±0.4
28.4±0.5
Φ0.5±0.1
1
Revised:February 25,2014
www.huaandz.com


Podobny numer części - GS41-102M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SUNMATE electronic Co.,...
GS41-102M SUNMATE-GS41-102M Datasheet
872Kb / 2P
   AXIAL LEADED GLASS TUBE
logo
HuaXinAn Electronics CO...
GS41-102M HUAXINAN-GS41-102M Datasheet
339Kb / 6P
   Surge Absorbers
More results

Podobny opis - GS41-102M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HuaXinAn Electronics CO...
SMB HUAXINAN-SMB Datasheet
193Kb / 2P
   Surge Absorbers
GSS HUAXINAN-GSS Datasheet
145Kb / 2P
   Surge Absorbers
JSE-141N-3167 HUAXINAN-JSE-141N-3167 Datasheet
599Kb / 6P
   Surge Absorbers
JSE-141N-2040 HUAXINAN-JSE-141N-2040 Datasheet
511Kb / 5P
   Surge Absorbers
YP-141N HUAXINAN-YP-141N Datasheet
318Kb / 6P
   Surge Absorbers
YS-141N HUAXINAN-YS-141N Datasheet
340Kb / 6P
   Surge Absorbers
logo
KOA Speer Electronics, ...
SA05CT52A301N KOA-SA05CT52A301N Datasheet
360Kb / 2P
   surge absorbers
logo
HuaXinAn Electronics CO...
GSE HUAXINAN-GSE Datasheet
144Kb / 2P
   Surge Absorbers
GS37-141N HUAXINAN-GS37-141N_V01 Datasheet
318Kb / 6P
   Surge Absorbers
GS41-141N HUAXINAN-GS41-141N_V01 Datasheet
339Kb / 6P
   Surge Absorbers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com