Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8194-EVALZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD8194-EVALZ
Szczegółowy opis  Buffered 2:1 TMDS Switch with Equalization
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8194-EVALZ Arkusz danych(HTML) 5 Page - Analog Devices

  AD8194-EVALZ Datasheet HTML 1Page - Analog Devices AD8194-EVALZ Datasheet HTML 2Page - Analog Devices AD8194-EVALZ Datasheet HTML 3Page - Analog Devices AD8194-EVALZ Datasheet HTML 4Page - Analog Devices AD8194-EVALZ Datasheet HTML 5Page - Analog Devices AD8194-EVALZ Datasheet HTML 6Page - Analog Devices AD8194-EVALZ Datasheet HTML 7Page - Analog Devices AD8194-EVALZ Datasheet HTML 8Page - Analog Devices AD8194-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8194
Rev. 0 | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
IN_A2
IP_A2
VTTI
IN_A3
IP_A3
AVCC
OP3
ON3
IP_B2
IN_B2
AVCC
IP_B1
IN_B1
VTTI
IP_B0
IN_B0
24
23
22
21
20
19
18
17
PIN 1
INDICATOR
AD8194
TOP VIEW
(Not to Scale)
NOTES
1. THE AD8194 LFCSP HAS AN EXPOSED PADDLE (ePAD) ON THE UNDERSIDE
OF THE PACKAGE, WHICH AIDS IN HEAT DISSIPATION. THE ePAD MUST BE
ELECTRICALLY CONNECTED TO THE AVEE SUPPLY PLANE TO MEET
THERMAL SPECIFICATIONS.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
IN_A2
HS I
High Speed Input Complement.
2
IP_A2
HS I
High Speed Input.
3, 19
VTTI
Power
Input Termination Supply. Nominally connected to AVCC.
4
IN_A3
HS I
High Speed Input Complement.
5
IP_A3
HS I
High Speed Input.
6, 22
AVCC
Power
Positive Power Supply. 3.3 V nominal.
7
OP3
HS O
High Speed Output.
8
ON3
HS O
High Speed Output Complement.
9
OP2
HS O
High Speed Output.
10
ON2
HS O
High Speed Output Complement.
11, 27, ePAD
AVEE
Power
Negative Power Supply. 0 V nominal.
12
OP1
HS O
High Speed Output.
13
ON1
HS O
High Speed Output Complement.
14
VTTO
Power
Output Termination Supply. Nominally connected to AVCC.
15
OP0
HS O
High Speed Output.
16
ON0
HS O
High Speed Output Complement.
17
IN_B0
HS I
High Speed Input Complement.
18
IP_B0
HS I
High Speed Input.
20
IN_B1
HS I
High Speed Input Complement.
21
IP_B1
HS I
High Speed Input.
23
IN_B2
HS I
High Speed Input Complement.
24
IP_B2
HS I
High Speed Input.
25
IN_B3
HS I
High Speed Input Complement.
26
IP_B3
HS I
High Speed Input.
28
IN_A0
HS I
High Speed Input Complement.
29
IP_A0
HS I
High Speed Input.
30
S_SEL
Control
Source Selector Pin.
31
IN_A1
HS I
High Speed Input Complement.
32
IP_A1
HS I
High Speed Input.
1 HS = high speed, I = input, O = output.


Podobny numer części - AD8194-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8194-EVALZ AD-AD8194-EVALZ Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
More results

Podobny opis - AD8194-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8194 AD-AD8194_17 Datasheet
443Kb / 16P
   Buffered 2:1 TMDS Switch Equalization
AD8193 AD-AD8193 Datasheet
463Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
   Buffered 2:1 TMDS Switch
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
logo
Texas Instruments
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com