Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF7021BCPZ Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADF7021BCPZ
Szczegółowy opis  High Performance Narrow-Band Transceiver IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF7021BCPZ Arkusz danych(HTML) 4 Page - Analog Devices

  ADF7021BCPZ Datasheet HTML 1Page - Analog Devices ADF7021BCPZ Datasheet HTML 2Page - Analog Devices ADF7021BCPZ Datasheet HTML 3Page - Analog Devices ADF7021BCPZ Datasheet HTML 4Page - Analog Devices ADF7021BCPZ Datasheet HTML 5Page - Analog Devices ADF7021BCPZ Datasheet HTML 6Page - Analog Devices ADF7021BCPZ Datasheet HTML 7Page - Analog Devices ADF7021BCPZ Datasheet HTML 8Page - Analog Devices ADF7021BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 4 of 64
GENERAL DESCRIPTION
The ADF7021 is a high performance, low power, highly integrated
2FSK/3FSK/4FSK transceiver. It is designed to operate in the
narrow-band, license-free ISM bands, and in the licensed bands
with frequency ranges of 80 MHz to 650 MHz and 862 MHz to
950 MHz. The part has both Gaussian and raised cosine transmit
data filtering options to improve spectral efficiency for narrow-
band applications. It is suitable for circuit applications targeted
at European ETSI EN 300 220, the Japanese ARIB STD-T67,
the Chinese short range device regulations, and the North
American FCC Part 15, Part 90, and Part 95 regulatory standards.
A complete transceiver can be built using a small number of
external discrete components, making the ADF7021 very
suitable for price sensitive and area sensitive applications.
The range of on-chip FSK modulation and data filtering options
allows users greater flexibility in their choice of modulation
schemes while meeting tight spectral efficiency requirements.
The ADF7021 also supports protocols that dynamically switch
between 2FSK/3FSK/4FSK to maximize communication range
and data throughput.
The transmit section contains dual voltage controlled oscillators
(VCOs) and a low noise fractional-N PLL with an output resolution
of <1 ppm. The ADF7021 has a VCO using an internal LC tank
(431 MHz to 475 MHz, 862 MHz to 950 MHz) and a VCO using
an external inductor as part of its tank circuit (80 MHz to
650 MHz). The dual VCO design allows dual-band operation
where the user can transmit and/or receive at any frequency
supported by the internal inductor VCO and can also transmit
and/or receive at a particular frequency band supported by the
external inductor VCO.
The frequency agile PLL allows the ADF7021 to be used in
frequency hopping spread spectrum (FHSS) systems.
Both VCOs operate at twice the fundamental frequency to
reduce spurious emissions and frequency pulling problems.
The transmitter output power is programmable in 63 steps
from −16 dBm to +13 dBm, and has an automatic power ramp
control to prevent spectral splatter and help meet regulatory
standards. The transceiver RF frequency, channel spacing, and
modulation are programmable using a simple 3-wire interface.
The device operates with a power supply range of 2.3 V to 3.6 V
and can be powered down when not in use.
A low IF architecture is used in the receiver (100 kHz), which
minimizes power consumption and the external component
count, yet avoids dc offset and flicker noise at low frequencies.
The IF filter has programmable bandwidths of 12.5 kHz, 18.75 kHz,
and 25 kHz. The ADF7021 supports a wide variety of program-
mable features including Rx linearity, sensitivity, and IF bandwidth,
allowing the user to trade off receiver sensitivity and selectivity
against current consumption, depending on the application.
The receiver also features a patent-pending automatic frequency
control (AFC) loop with programmable pull-in range that allows
the PLL to track out the frequency error in the incoming signal.
The receiver achieves an image rejection performance of 56 dB
using a patent-pending IR calibration scheme that does not
require the use of an external RF source.
An on-chip ADC provides readback of the integrated tempera-
ture sensor, external analog input, battery voltage, and RSSI
signal, which provides savings on an ADC in some applications.
The temperature sensor is accurate to ±10°C over the full
operating temperature range of −40°C to +85°C. This accuracy
can be improved by performing a 1-point calibration at room
temperature and storing the result in memory.


Podobny numer części - ADF7021BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7021BCPZ AD-ADF7021BCPZ Datasheet
471Kb / 44P
   High Performance Narrowband ISM Transceiver IC
Rev. PrI
More results

Podobny opis - ADF7021BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
   High Performance Narrow-Band Transceiver IC
REV. C
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com