Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5522 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS5522
Szczegółowy opis  14-Bit, 80 MSPS Analog-To-Digital Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5522 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS5522 Datasheet HTML 5Page - Texas Instruments ADS5522 Datasheet HTML 6Page - Texas Instruments ADS5522 Datasheet HTML 7Page - Texas Instruments ADS5522 Datasheet HTML 8Page - Texas Instruments ADS5522 Datasheet HTML 9Page - Texas Instruments ADS5522 Datasheet HTML 10Page - Texas Instruments ADS5522 Datasheet HTML 11Page - Texas Instruments ADS5522 Datasheet HTML 12Page - Texas Instruments ADS5522 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
www.ti.com
PIN CONFIGURATION
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
DR
GND
D3
D2
D1
D0 (LSB)
CLKOUT
DR
GND
OE
DFS
AV
DD
A
GND
AV
DD
A
GND
RESET
AV
DD
AV
DD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DR
GND
SCLK
SDATA
SEN
AV
DD
A
GND
AV
DD
A
GND
AV
DD
CLKP
CLKM
A
GND
A
GND
A
GND
AV
DD
A
GND
64
63
62
61
60
59
58
57
56
55
54
17
18
19
20
21
22
23
24
25
26
27
53
52
51
50
49
28
29
30
31
32
ADS5542
PowerPAD
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
PAP PACKAGE
(TOP VIEW)
9
Submit Documentation Feedback


Podobny numer części - ADS5522

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS5522 BURR-BROWN-ADS5522 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
ADS5522 BURR-BROWN-ADS5522 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
ADS5522 BURR-BROWN-ADS5522 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5522 BURR-BROWN-ADS5522 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5522 TI-ADS5522 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
More results

Podobny opis - ADS5522

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5433 TI-ADS5433 Datasheet
1Mb / 22P
[Old version datasheet]   14 BIT, 80 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS5423 TI-ADS5423 Datasheet
1Mb / 24P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
ADS5423 TI1-ADS5423_14 Datasheet
1Mb / 28P
[Old version datasheet]   14 Bit, 80 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
ADS5522IPAP TI-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522IPAP TI1-ADS5522IPAP Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5424 TI-ADS5424 Datasheet
578Kb / 25P
[Old version datasheet]   14 BIT, 105 MSPS ANALOG TO DIGITAL CONVERTER
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   14-Bit 400-MSPS Digital-to-Analog Converter
ADS5424 TI1-ADS5424_14 Datasheet
1Mb / 29P
[Old version datasheet]   14 Bit, 105 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com