Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5560EVM Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części ADS5560EVM
Szczegółowy opis  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5560EVM Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS5560EVM Datasheet HTML 3Page - Texas Instruments ADS5560EVM Datasheet HTML 4Page - Texas Instruments ADS5560EVM Datasheet HTML 5Page - Texas Instruments ADS5560EVM Datasheet HTML 6Page - Texas Instruments ADS5560EVM Datasheet HTML 7Page - Texas Instruments ADS5560EVM Datasheet HTML 8Page - Texas Instruments ADS5560EVM Datasheet HTML 9Page - Texas Instruments ADS5560EVM Datasheet HTML 10Page - Texas Instruments ADS5560EVM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
ADS5560
ADS5562
www.ti.com
SLWS207A – MAY 2008 – REVISED MAY 2012
ELECTRICAL CHARACTERISTICS (Continued)
Typical values are at 25°C, AVDD = DRVDD = 3.3 V, sampling rate = Max Rated, sine wave input clock, 1.5 VPP clock
amplitude, 50% clock duty cycle, –1 dBFS differential analog input, default fine gain (0 dB), internal reference mode, DDR
LVDS interface,
(1).
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = DRVDD = 3.3 V, sampling
rate = Max Rated, default fine gain (1 dB), unless otherwise noted.
ADS5562
ADS5560
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
FIN = 3 MHz
85
90
FIN = 10 MHz
77
85
78
88
HD3
dBc
Third harmonic
FIN = 25 MHz
83
83
FIN = 30 MHz
80
79
FIN = 3 MHz
104
104
FIN = 10 MHz
102
102
Worst harmonic
dBc
other than HD2, HD3
FIN = 25 MHz
100
101
FIN = 30 MHz
100
101
FIN = 3 MHz
84
88
FIN = 10 MHz
75.5
83
76.5
86
THD
dBc
Total harmonic distortion
FIN = 25 MHz
82
81
FIN = 30 MHz
80
78
IMD
FIN1 = 5 MHz, FIN2 = 10 MHz
Two-tone intermodulation
92
98
dBFS
each tone -7 dBFS
distortion
Voltage overload recovery
1
1
clock
Recovery to 1% for 6-dB overload
time
cycles
(1)
Note that after reset, the device is initialized to 1 dB fine gain setting. For SFDR and SNR performance across fine gains, see Typical
Characteristics section.
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS5560 ADS5562


Podobny numer części - ADS5560EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5560 TI-ADS5560 Datasheet
1Mb / 53P
[Old version datasheet]   16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
ADS5560IRGZR TI-ADS5560IRGZR Datasheet
1Mb / 53P
[Old version datasheet]   16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
ADS5560IRGZT TI-ADS5560IRGZT Datasheet
1Mb / 53P
[Old version datasheet]   16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
More results

Podobny opis - ADS5560EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5560 TI-ADS5560 Datasheet
1Mb / 53P
[Old version datasheet]   16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1610S IDT-ADC1610S Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Texas Instruments
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com