Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSA537 Arkusz danych(PDF) 1 Page - Continental Device India Limited

Numer części CSA537
Szczegółowy opis  PNP SILICON PLANAR EPITAXIAL TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CDIL [Continental Device India Limited]
Strona internetowa  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA537 Arkusz danych(HTML) 1 Page - Continental Device India Limited

  CSA537 Datasheet HTML 1Page - Continental Device India Limited CSA537 Datasheet HTML 2Page - Continental Device India Limited CSA537 Datasheet HTML 3Page - Continental Device India Limited CSA537 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
CSA537
TO-39
Metal Can Package
MEDIUM SPEED SWITCHING AND LINEAR AMPLIFIER APPLICATIONS
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
UNITS
Collector Emitter Voltage
VCEO
V
Collector Base Voltage
VCBO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
A
Emitter Current Contiuuous
IE
A
Power Dissipation
PD
W
Junction Temperature
Tj
ºC
Storage Temperature
Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
UNITS
Collector Base Breakdown Voltage
BVCBO
IC=10µA, IE= 0
V
Collector Emitter Breakdown Voltage
BVCEO
IC=5mA, IE=0
V
Emitter Base Breakdown Voltage
BVEBO
IE=10mA, IC=0
V
Collector Cutoff Current
ICBO
VCB=30V, IE=0
nA
Emitter Cutoff Current
IEBO
VEB=3V, IC=0
nA
Collector Emitter(Sat) Voltage
VCE(Sat)
IC=150mA,IB=15mA
V
Base Emitter (Sat) Voltage
VBE(Sat)
IC=150mA,IB=15mA
V
DC Current Gain
hFE (1)
IC=50mA,VCE=4V
hFE (2)
IC=400mA,VCE=4V
Small Signal Current Gain
| hfe |
IC=20mA, VCE=10V,
V
f=100MHz
V
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
pF
0.7
0.7
0.75
50-160
>20
>1.0
<35
VALUE
>60
200
-55 To +200
50
60
5
<0.5
<1.1
VALUE
>50
>5
<50
<50
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Podobny numer części - CSA537

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Continental Device Indi...
CSA539 CDIL-CSA539 Datasheet
208Kb / 3P
   PNP SILICON PLANAR EPITAXIAL TRANSISTOR
More results

Podobny opis - CSA537

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com