Zakładka z wyszukiwarką danych komponentów |
|
TIP152-S Arkusz danych(PDF) 2 Page - Bourns Electronic Solutions |
|
TIP152-S Arkusz danych(HTML) 2 Page - Bourns Electronic Solutions |
2 / 5 page TIP150, TIP151, TIP152 NPN SILICON POWER DARLINGTONS 2 PRODU CT INFORMA TION JUNE 1973 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice. NOTES: 4. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%. 5. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts. † Voltage and current values shown are nominal; exact values vary slightly with transistor parameters. electrical characteristics at 25°C case temperature PARAMETER TEST CONDITIONS MIN TYP MAX UNIT V(BR)CBO Collector-base breakdown voltage IC = 1 mA IE = 0 TIP150 TIP151 TIP152 300 350 400 V V(BR)CEO Collector-emitter breakdown voltage IC = 10 mA (see Note 4) IB = 0 TIP150 TIP151 TIP152 300 350 400 V ICEO Collector-emitter cut-off current VCE =300 V VCE = 350 V VCE = 400 V IB =0 IB =0 IB =0 TIP150 TIP151 TIP152 250 250 250 µA ICEX(sus) Collector-emitter sustaining current VCLAMP = V(BR)CEO 7A IEBO Emitter cut-off current VEB = 8 V IC =0 15 mA hFE Forward current transfer ratio VCE = 5 V VCE = 5 V VCE = 5 V IC = 2.5 A IC = 5A IC = 7 A (see Notes 4 and 5) 150 50 15 VCE(sat) Collector-emitter saturation voltage IB = 10 mA IB = 100 mA IB = 250 mA IC = 1A IC = 2A IC = 5A (see Notes 4 and 5) 1.5 1.5 2 V VBE(sat) Base-emitter saturation voltage IB = 100 mA IB = 250 mA IC = 2A IC = 5A (see Notes 4 and 5) 2.2 2.3 V VEC Parallel diode forward voltage IE = 7 A IB = 0 (see Notes 4 and 5) 3.5 V hfe Small signal forward current transfer ratio VCE = 5 V IC = 0.5 A f = 1 kHz 200 |h fe| Small signal forward current transfer ratio VCE = 5 V IC = 0.5 A f = 1 MHz 10 Cob Output capacitance VCB = 10 V IE = 0 f = 1 MHz 100 pF thermal characteristics PARAMETER MIN TYP MAX UNIT RθJC Junction to case thermal resistance 1.56 °C/W RθJA Junction to free air thermal resistance 62.5 °C/W CθC Thermal capacitance of case 0.9 J/°C inductive-load-switching characteristics at 25°C case temperature PARAMETER TEST CONDITIONS † MIN TYP MAX UNIT tsv Voltage storage time IC = 5 A V(clamp) = V(BR)CEO IB(on) = 250 mA RBE = 47 Ω 3.9 µs tsi Current storage time 4.7 µs trv Voltage transition time 1.2 µs tti Current transition time 1.2 µs txo Cross-over time 2.0 µs OBSOLET E |
Podobny numer części - TIP152-S |
|
Podobny opis - TIP152-S |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |