Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FIN1049 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FIN1049
Szczegółowy opis  LVDS Dual-Line Driver with Dual-Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1049 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button FIN1049 Datasheet HTML 2Page - Fairchild Semiconductor FIN1049 Datasheet HTML 3Page - Fairchild Semiconductor FIN1049 Datasheet HTML 4Page - Fairchild Semiconductor FIN1049 Datasheet HTML 5Page - Fairchild Semiconductor FIN1049 Datasheet HTML 6Page - Fairchild Semiconductor FIN1049 Datasheet HTML 7Page - Fairchild Semiconductor FIN1049 Datasheet HTML 8Page - Fairchild Semiconductor FIN1049 Datasheet HTML 9Page - Fairchild Semiconductor FIN1049 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1049 • Rev. 1.0.3
6
Required Specifications and Test Diagrams
Notes:
7.
Electrostatic Discharge Capability: Human Body Model and Machine Model ESD should be measured using MIL-
STD-883C method 3015.7 standard.
8.
Latch-up immunity should be tested to the EIA/JEDEC Standard Number 78 (EIA/JESD78).
Figure 3. Differential Receiver Voltage Definitions Test Circuit
Note:
9.
CL=15 pF, includes all probe and jig capacitances.
Table 1.
Receiver Minimum and Maximum Input Threshold Test Voltages
Applied Voltages (V)
Resulting Differential
Input Voltage (mV)
Resulting Common
Mode Input Voltage (V)
VIA
VIB
VID
VIC
1.25
1.15
100
1.2
1.15
1.25
-100
1.2
VCC
VCC - 0.1
100
VCC - 0.05
VCC - 0.1
VCC
-100
VCC - 0.05
0.1
0.0
100
0.05
0.0
0.1
-100
0.05
1.75
0.65
1100
1.2
0.65
1.75
-1100
1.2
VCC
VCC - 1.1
1100
VCC - 0.55
VCC - 1.1
VCC
-1100
VCC - 0.55
1.1
0.0
1100
0.55
0.0
1.1
-1100
0.55
Figure 4. LVDS Output Circuit for DC Test
Note:
10. RL=100 


Podobny numer części - FIN1049

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN1049 FAIRCHILD-FIN1049 Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1049MTC FAIRCHILD-FIN1049MTC Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
logo
ON Semiconductor
FIN1049MTCX ONSEMI-FIN1049MTCX Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
More results

Podobny opis - FIN1049

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FIN1049 FAIRCHILD-FIN1049 Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
National Semiconductor ...
DS90LV049 NSC-DS90LV049 Datasheet
230Kb / 10P
   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Texas Instruments
DS90LV049 TI1-DS90LV049_15 Datasheet
964Kb / 19P
[Old version datasheet]   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Maxim Integrated Produc...
MAX9159 MAXIM-MAX9159 Datasheet
147Kb / 7P
   Dual LVDS Line Receiver
19-2274; Rev 0; 1/02
logo
Texas Instruments
DS90LV049Q TI1-DS90LV049Q_15 Datasheet
949Kb / 17P
[Old version datasheet]   Automotive LVDS Dual Line Driver and Receiver Pair
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com