Zakładka z wyszukiwarką danych komponentów |
|
L6004D8 Arkusz danych(PDF) 7 Page - Teccor Electronics |
|
L6004D8 Arkusz danych(HTML) 7 Page - Teccor Electronics |
7 / 8 page Data Sheets Sensitive Triacs ©2004 Littelfuse LP E1 - 7 http://www.teccor.com Thyristor Product Catalog +1 972-580-7777 Figure E1.3 Maximum Allowable Case Temperature versus On-state Current (4 A, 6 A, and 8 A) Figure E1.4 On-state Current versus On-state Voltage (Typical) Figure E1.5 Normalized DC Holding Current versus Case Temperature Figure E1.6 Normalized DC Gate Trigger Voltage for All Quadrants versus Case Temperature Figure E1.7 Normalized DC Gate Trigger Current for All Quadrants versus Case Temperature Figure E1.8 Turn-on Time versus Gate Trigger Current (Typical) 01 2 3 4 5 6 7 8 60 65 70 75 80 85 90 95 100 105 110 RMS On-State Current [IT(RMS)] - Amps CURRENT WAVEFORM: Sinusoidal LOAD: Resistive or Inductive CONDUCTION ANGLE: 360˚ CASE TEMPERATURE: Measured as shown on Dimensional Drawings 4 A TYPE 1 and 3 TO-202 4 A TO-220 (Isolated) 4 A TO-252 8 A TO-220 (Isolated) 6 A TO-220 (Isolated) 4 A TYPE 2 and 4 TO-202 4 A TO-251 8 A TO-251 and TO-252 6 A TO-251 6 A TO-252 0 0.5 0.8 1.0 1.2 1.4 1.6 1.8 0 2 4 6 8 10 12 14 16 18 20 Positive or Negative Instantaneous On-state Voltage (vT) - Volts 1 A 4 A 6 A and 8 A T C = 25 ˚ C 0.8 A -40 -15 +25 +65 +110 +125 0 1.0 2.0 3.0 4.0 -65 Case Temperature (TC) - ˚C INITIAL ON-STATE CURRENT = 100 mA (DC) 0.8 - 4 A Devices = 200 mA (DC) 6 - 8 A Devices -65 -40 -15 +65 +110 +125 +25 0 .5 1.0 1.5 2.0 Case Temperature (TC) - ˚ C -65 -40 -15 +65 +110 +125 +25 0 1.0 2.0 3.0 4.0 Case Temperature (TC) - ˚C 12 3 4 6 5 8 10 20 30 40 60 80 100 I GT = 5 mA MAX I GT = 10 mA MAX I GT = 20 mA MAX I GT = 3 mA MAX 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 DC Gate Trigger Current (IGT) - mA TC = 25 ˚C |
Podobny numer części - L6004D8 |
|
Podobny opis - L6004D8 |