Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5330SX Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FAN5330SX
Szczegółowy opis  High Efficiency Serial LED Driver with 30V Integrated Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5330SX Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5330SX Datasheet HTML 2Page - Fairchild Semiconductor FAN5330SX Datasheet HTML 3Page - Fairchild Semiconductor FAN5330SX Datasheet HTML 4Page - Fairchild Semiconductor FAN5330SX Datasheet HTML 5Page - Fairchild Semiconductor FAN5330SX Datasheet HTML 6Page - Fairchild Semiconductor FAN5330SX Datasheet HTML 7Page - Fairchild Semiconductor FAN5330SX Datasheet HTML 8Page - Fairchild Semiconductor FAN5330SX Datasheet HTML 9Page - Fairchild Semiconductor FAN5330SX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
FAN5330 Rev. 1.0.1
Inductor Selection
The inductor parameters directly related to device performances
are saturation current and dc resistance. The FAN5330 oper-
ates with a typical inductor value of 10µH. The lower the dc
resistance, the higher the efficiency. Usually a trade-off between
inductor size, cost and overall efficiency is needed to make the
optimum choice.
The inductor saturation current should be rated around 1.5A,
which is the threshold of the internal current limit circuit. This
limit is reached only during the start-up and with heavy load
condition; when this event occurs the converter can shift over in
discontinuous conduction mode due to the automatic turn-off of
the switching transistor, resulting in higher ripple and reduced
efficiency.
Some recommended inductors are suggested in the table
below:
Table 1: Recommended Inductors
Capacitors Selection
For best performance, low ESR input and output capacitors are
required. Ceramic capacitors of CIN = 4.7µF and COUT = 0.47µF
placed close to the IC pins, are required for optimum perfor-
mance. The capacitances (COUT) may be reduced to 0.1µF, if
higher ripple is acceptable. The output capacitor voltage rating
should be according to the VOUT setting. Some capacitors are
suggested in the table below
Table 2: Recommended Capacitors
Diode Selection
The external diode used for rectification is usually a Schottky
diode. Its average forward current and reverse voltage maxi-
mum ratings should exceed the load current and the voltage at
the output of the converter respectively. A barrier Schottky diode
such as BAT54 is preferred, due to its lower reverse current over
the temperature range.
Care should be taken to avoid any short circuit of VOUT to GND,
even with the IC disabled, since the diode can be instantly dam-
aged by the excessive current.
Brightness Control
1. Dimming Using PWM Logic Signal
A PWM signal applied to SHDN Table 5 on page 7 can control
the LED’s brightness in direct dependence with the duty cycle.
The maximum frequency should not exceed 1kHz to ensure a
linear dependence of the LED’s average current. The amplitude
of the PWM signal should be suitable to turn the FAN5333 ON
and OFF.
Alternatively, a PWM logic signal can be used to switch a FET
ON/OFF to change the resistance that sets the LED’s current
Table 6 on page 7. Adjusting the duty cycle from 0% to 100%
results in varying the LED’s current between IMIN and IMAX.
Where
Figure 5. Dimming Using a PWM Signal
Figure 6. Dimming Using a PWM Logic Signal
2. Dimming Using DC Voltage
An external adjustable DC voltage Table 7 on page 7 between
0V to 2V can control the LED’s current from 15mA to 0mA,
respectively.
Figure 7. Dimming Using DC Voltage
Inductor
Value
Vendor
Part Number
Com-
ment
10µH
TDK
SLF6025&-100M1R0
10µH
MURATA
LQH66SN100M01C
Highest
Efficiency
10µH
COOPER
SD414-100
Small Size
Capacitor
Value
Vendor
Part Number
0.47µF
Panasonic
ECJ-3YB1E474K
4.7µF
Murata
GRM21BR61A475K
I
MIN
V
FB
R
MIN
-------------
=
and I
MAX
V
FB
R
MIN
R
SET
--------------------------------
=
SHDN
FAN5330
FB
FAN5330
RMIN
RSET
FB
VDC
90K
5
1.6K
FAN5330


Podobny numer części - FAN5330SX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
More results

Podobny opis - FAN5330SX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5333A FAIRCHILD-FAN5333A Datasheet
538Kb / 11P
   High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
FAN5332A FAIRCHILD-FAN5332A Datasheet
549Kb / 9P
   High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
FAN5331 FAIRCHILD-FAN5331_05 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
logo
Shenzhen Huazhimei Semi...
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
   High Efficiency 1.2MHz 30V BOOST LED Driver
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
   High Efficiency 1.2MHz 30V Boost LED Driver
logo
Diodes Incorporated
AL8805 DIODES-AL8805 Datasheet
631Kb / 16P
   HIGH EFFICIENCY 30V 1A BUCK LED DRIVER
DS35030 Rev. 1 - 2
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
ACE Technology Co., LTD...
ACE715C ACE-ACE715C Datasheet
580Kb / 6P
   High Efficiency 1.2MHz 30V Boost LED Driver
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com