Zakładka z wyszukiwarką danych komponentów |
|
FAN6863WLTY Arkusz danych(PDF) 3 Page - Fairchild Semiconductor |
|
FAN6863WLTY Arkusz danych(HTML) 3 Page - Fairchild Semiconductor |
3 / 16 page © 2011 Fairchild Semiconductor Corporation www.fairchildsemi.com FAN6863W • Rev. 1.0.1 3 Marking Information Figure 3. Top Mark Pin Configuration Figure 4. Pin Configuration Pin Definitions Pin # Name Function Description 1 GND Ground Ground 2 FB Feedback The FB pin provides the output voltage regulation signal. It provides feedback to the internal PWM comparator, so the PWM comparator can control the duty cycle. This pin also provides over-current protection. IF VFB is higher than the trigger level and persists at that level, the controller stops and restarts. 3 RT Temperature Detection An external NTC thermistor is connected from this pin to the GND pin. The impedance of the NTC decreases at high temperatures. If the voltage of the RT pin drops below the threshold, PWM output is disabled. 4 SENSE Current Sense This pin senses the voltage across a resistor. When the voltage reaches the internal threshold, PWM output is disabled and this activates over-current protection. This pin also provides current amplitude information for Current Mode control. 5 VDD Power Supply Power supply 6 GATE Driver Output The totem-pole output driver for driving the power MOSFET ABx: ABU: FAN6863WTY ABV: FAN6863WRTY ABW: FAN6863WLTY TT: Wafer Lot Code : Year Code _ _ _ : Week Code |
Podobny numer części - FAN6863WLTY |
|
Podobny opis - FAN6863WLTY |