Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-4562-300E Arkusz danych(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-4562-300E
Szczegółowy opis  High Bandwidth, Analog/Video Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4562-300E Arkusz danych(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4562-300E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562-300E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562-300E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562-300E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562-300E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562-300E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562-300E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562-300E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562-300E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
Small Signal Characteristics (AC)
T
A = 25°C, IF = 6 mA for HCPL-4562 and IF = 10 mA for HCNW4562 (i.e., Recommended IFO) unless otherwise specified.
Parameter
Symbol
Device
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Voltage Gain
G
V
HCPL-4562
0.8
2.0
4.2
V
IN = 1 VP-P
1
6
(0.1 MHz)
HCNW4562
3.0
G
V Temperature
∆G
V/∆T
-0.3
%/°C V
IN = 1 VP-P,
1, 11
Coefficient
fREF = 0.1 MHz
Base Photo
∆i
PB
HCPL-4562
1.1
3.0
-dB
V
IN = 1 VP-P,
3, 10,
Current
(6 MHz)
HCNW4562
0.36
f
REF = 0.1 MHz
12
Variation
-3 dB Frequency
i
PB
HCPL-4562
6
15
MHz V
IN = 1 VP-P,
3, 10,
7
(i
PB)
(-3 dB)
HCNW4562
13
fREF = 0.1 MHz
12
-3 dB Frequency
G
V
HCPL-4562
6
17
MHz V
IN = 1 VP-P,
1, 11
7
(G
V)
(-3 dB)
HCNW4562
9
fREF = 0.1 MHz
Gain Variation
∆G
V
HCPL-4562
1.1
3.0
-dB
T
A = 25°C
V
IN = 1 VP-P,
1, 11
(6 MHz)
HCNW4562
0.54
f
REF = 0.1 MHz
HCPL-4562
0.8
T
A = -10°C
1.5
T
A = 70°C
∆G
V
HCPL-4562
1.15
-dB
V
IN = 1 VP-P,
(10 MHz)
HCNW4562
2.27
fREF = 0.1 MHz
Differential
HCPL-4562
±1.0
%
I
Fac = 0.7 mA p-p,
3, 7
8
Gain at
I
Fdc = 3 to 9 mA
f = 3.58 MHz
HCNW4562
±0.9
I
Fac = 1 mA p-p,
IFdc = 7 to 13 mA
Differential
HCPL-4562
±1
deg. I
Fac = 0.7 mA p-p,
3, 7
9
Phase at
I
Fdc = 3 to 9 mA
f = 3.58 MHz
HCNW4562
±0.6
I
Fac = 1 mA p-p,
IFdc = 7 to 13 mA
Total Harmonic
THD
HCPL-4562
2.5
%
V
IN = 1 VP-P,
4
10
Distortion
HCNW4562
0.75
f = 3.58 MHz, G
V = 2
Output Noise
V
O(noise)
950
µV rms 10 Hz to 10 MHz
1
Voltage
Isolation Mode
IMRR
HCPL-4562
122
dB
f = 120 Hz, G
V = 2
14
11
Rejection Ratio
HCNW4562
119


Podobny numer części - HCPL-4562-300E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-020 AVAGO-HCPL-4562-020 Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
More results

Podobny opis - HCPL-4562-300E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-4562 HP-HCPL-4562 Datasheet
266Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-020 AVAGO-HCPL-4562-020 Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
HCNR201-500E AVAGO-HCNR201-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300E AVAGO-HCNR201-300E Datasheet
237Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201 AVAGO-HCNR201 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-500E AVAGO-HCNR200-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300 AVAGO-HCNR201-300 Datasheet
396Kb / 19P
   High-Linearity Analog Optocouplers
logo
Agilent(Hewlett-Packard...
HCNR200 HP-HCNR200 Datasheet
241Kb / 16P
   High-Linearity Analog Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com