Zakładka z wyszukiwarką danych komponentów |
|
UF1G Arkusz danych(PDF) 1 Page - Continental Device India Limited |
|
UF1G Arkusz danych(HTML) 1 Page - Continental Device India Limited |
1 / 4 page SURFACE MOUNT ULTRAFAST RECTIFIER UF1A - UF1K DO-214AA (SMB) Surface Mount Package Polarity : Colour band denotes cathode end Ultrafast Recovery Times for High Efficiency MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25ºC Ambient Temperature unless specified otherwise. Single Phase, half wave 60 Hz, Resistive or Inductive Load. For Capacitive Load, Derate Current by 20% UF1A UF1B UF1D UF1G UF1J UF1K Maximum Peak Repetitive Reverse Voltage 50 100 200 400 600 800 35 70 140 280 420 560 Maximum DC Blocking Voltage 50 100 200 400 600 800 single half sine-wave superimposed on 1.4 Maximum DC Reverse Current Ta=25 oC at Rated DC Blocking Voltage Ta=100 oC Typical Thermal Resistance Junction to Lead Maximum Reverse Recovery Time *Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A **Measuired at 1 MHz and Applied VR=4V ***8.0mm 2 (0.013mm thick) Land Areas UF1A_1KRev180705E I(AV) 1.0 30 Typical Junction Capacitance **cj SYMBOL VRRM VRMS VDC A µA µA 100 UNIT V V V pF ns - 50 to +150 ºC ºC/W 30 DESCRIPTION Peak Forward Surge Current 8.3ms Maximum Forward Voltage at IF=1.0A rated load Maximum Average Forward Rectified Current 0.375"(9.5mm) Lead Length at TL=100 oC Maximum RMS Voltage Operating Junction and Storage Temperature Range IFSM VF IR ***Rth (J-L) Tj, Tstg A V *TRR 1.0 1.7 17 50 100 10 Continental Device India Limited Data Sheet Page 1 of 4 Continental Device India Limited An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company |
Podobny numer części - UF1G |
|
Podobny opis - UF1G |