Zakładka z wyszukiwarką danych komponentów |
|
TIP29ANPN Arkusz danych(PDF) 2 Page - Continental Device India Limited |
|
TIP29ANPN Arkusz danych(HTML) 2 Page - Continental Device India Limited |
2 / 4 page PLASTIC POWER TRANSISTORS TIP29, A, B, C NPN TIP30, A, B, C PNP TO-220 Plastic Package ELECTRICAL CHARACTERISTICS (Tc=25ºC unless specified otherwise ) Collector Emitter Voltage *VCEO(sus) IC=30mA, IB=0 TIP29/30 40 V TIP29A/30A 60 V TIP29B/30B 80 V TIP29C/30C 100 V Collector Cut off Current ICEO VCE=30V, IB=0 TIP29, A / 30, A 0.3 mA VCE=60V, IB=0 TIP29B, C / 30B, C 0.3 mA Collector Cut off Current ICES VCE=VCEO(max), VBE=0 0.2 mA Emitter Cut off Current IEBO VEB=5V, IC=0 1.0 mA DC Current Gain *hFE IC=0.2A, VCE=4V 40 IC=1A, VCE=4V 15 75 Base Emitter on Voltage *VBE(on) IC=1A, VCE=4V 1.3 V *Pulse Test : Pulse width <300 µµs, Duty Cycle <2% DYNAMIC CHARACTERISTIC DESCRIPTION SYMBOL TEST CONDITION MIN MAX UNIT Small Signal Current Gain hfe IC=0.2A, VCE=10V, f=1KHz 20 Transition Frequency fT IC=0.2A, VCE=10V, f=1MHz 3 MHz SWITCHING CHARACTERISTICS DESCRIPTION SYMBOL TEST CONDITION UNIT Turn On Time ton µs Turn Off Time toff µs *VCE (sat) 0.7 V TEST CONDITION MIN UNIT Collector Emitter Saturation Voltage SYMBOL IC=1A, IB=125mA MAX DESCRIPTION Vcc=30V, Ic=2A, IB1=IB2=0.2A TYP 0.43 1.0 Continental Device India Limited Data Sheet Page 2 of 4 |
Podobny numer części - TIP29ANPN |
|
Podobny opis - TIP29ANPN |