Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L7809AC Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części L7809AC
Szczegółowy opis  Positive voltage regulator ICs
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7809AC Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button L7809AC Datasheet HTML 6Page - STMicroelectronics L7809AC Datasheet HTML 7Page - STMicroelectronics L7809AC Datasheet HTML 8Page - STMicroelectronics L7809AC Datasheet HTML 9Page - STMicroelectronics L7809AC Datasheet HTML 10Page - STMicroelectronics L7809AC Datasheet HTML 11Page - STMicroelectronics L7809AC Datasheet HTML 12Page - STMicroelectronics L7809AC Datasheet HTML 13Page - STMicroelectronics L7809AC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Electrical characteristics
L78xx, L78xxC, L78xxAB, L78xxAC
10/57
Doc ID 2143 Rev 30
VI = 10 V, IO = 1 A, TJ = 0 to 125 °C (L7805AC), TJ = -40 to 125 °C (L7805AB), unless
otherwise specified.
Table 5.
Electrical characteristics of L7805A
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
4.9
5
5.1
V
VO
Output voltage
IO = 5 mA to 1 A, VI = 7.5 to 18 V
4.8
5
5.2
V
VO
Output voltage
IO = 1 A, VI = 18 to 20 V, TJ = 25°C
4.8
5
5.2
V
ΔVO (1) Line regulation
VI = 7.5 to 25 V, IO = 500 mA, TJ = 25°C
7
50
mV
VI = 8 to 12 V
10
50
mV
VI = 8 to 12 V, TJ = 25°C
2
25
mV
VI = 7.3 to 20 V, TJ = 25°C
7
50
mV
ΔVO (1) Load regulation
IO = 5 mA to 1 A
25
100
mV
IO = 5 mA to 1.5 A, TJ = 25°C
30
100
IO = 250 to 750 mA
8
50
Iq
Quiescent current
TJ = 25°C
4.3
6
mA
6mA
ΔIq
Quiescent current change
VI = 8 to 23 V, IO = 500 mA
0.8
mA
VI = 7.5 to 20 V, TJ = 25°C
0.8
mA
IO = 5 mA to 1 A
0.5
mA
SVR
Supply voltage rejection
VI = 8 to 18 V, f = 120 Hz, IO = 500 mA
68
dB
Vd
Dropout voltage
IO = 1 A, TJ = 25°C
2
V
eN
Output noise voltage
TA = 25°C, B =10 Hz to 100 kHz
10
µV/VO
RO
Output resistance
f = 1 kHz
17
m
Ω
Isc
Short circuit current
VI = 35 V, TA = 25°C
0.2
A
Iscp
Short circuit peak current
TJ = 25°C
2.2
A
ΔVO/ΔT Output voltage drift
-1.1
mV/°C
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.


Podobny numer części - L7809AC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L7809AC STMICROELECTRONICS-L7809AC Datasheet
108Kb / 17P
   PRECISION 1A REGULATORS
L7809AC STMICROELECTRONICS-L7809AC Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
L7809AC STMICROELECTRONICS-L7809AC Datasheet
373Kb / 28P
   Precision 1A regulators
L7809AC STMICROELECTRONICS-L7809AC Datasheet
780Kb / 26P
   Precision 1 A regulators
L7809AC STMICROELECTRONICS-L7809AC Datasheet
780Kb / 26P
   Precision 1 A regulators
More results

Podobny opis - L7809AC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
CD00000444 STMICROELECTRONICS-CD00000444 Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L7824CV-DG STMICROELECTRONICS-L7824CV-DG Datasheet
2Mb / 57P
   Positive voltage regulator ICs
L7815CV-DG STMICROELECTRONICS-L7815CV-DG Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L7824ABD2T STMICROELECTRONICS-L7824ABD2T Datasheet
2Mb / 57P
   Positive voltage regulator ICs
March 2013 Rev 31
L7808ABV-DG STMICROELECTRONICS-L7808ABV-DG Datasheet
1Mb / 58P
   Positive voltage regulator ICs
March 2014 Rev 32
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L7805CT STMICROELECTRONICS-L7805CT Datasheet
1Mb / 57P
   Positive voltage regulator ICs
L78 STMICROELECTRONICS-L78_V01 Datasheet
1Mb / 55P
   Positive voltage regulator ICs
Rev 36 - September 2018
L7812ABV-DG STMICROELECTRONICS-L7812ABV-DG Datasheet
2Mb / 57P
   Positive voltage regulator ICs
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com