Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5374B-A-GL Arkusz danych(PDF) 3 Page - Silicon Laboratories

Numer części SI5374B-A-GL
Szczegółowy opis  Timing Selector Guide
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5374B-A-GL Arkusz danych(HTML) 3 Page - Silicon Laboratories

  SI5374B-A-GL Datasheet HTML 1Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 2Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 3Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 4Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 5Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 6Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 7Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 8Page - Silicon Laboratories SI5374B-A-GL Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CLOCK A ND OSCILL ATOR SELEC TOR /
3
Silicon Labs’ differential + LVCMOS clock generators provide any rate, any output frequency synthesis. Any
combination of output frequencies can be generated exactly with 0 ppm error. Independent signal format and
VDDO options provide integrated level translation, supporting LVPECL/LVDS/HCSL/LVCMOS clock generation up
to 710 MHz with sub 1 ps rms phase jitter.
Any-Frequency, Any-Output Differential/CMOS Clocks
PART NUMBER CONTROL
CLOCK
INPUT/
OUTPUTS
INPUT
FREQUENCY (MHZ)
OUTPUT
FREQUENCY (MHZ)
PHASE
JITTER
(RMS)
VDD
VDDO
OUTPUT
PACKAGE
Si5334
Pin
1/4
5 - 710 (Clock),
8 - 30 (Xtal)
0.16 - 710 MHz
0.16 - 350 MHz
0.16 - 200 MHz
1.0 ps
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS, LVDS, LVPECL,
HCSL, SSTL, HSTL
QFN24
Si5335
Pin
1/4
10 - 350 (Clock),
25/27 (Xtal)
1 - 350 MHz
1.0 ps
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS, LVDS, LVPECL,
HCSL, SSTL, HSTL, CML
QFN24
Si5338
I2C
1/4
5 - 710 (Clock),
8 - 30 (Xtal)
0.16 - 710 MHz
0.16 - 350 MHz
0.16 - 200 MHz
1.0 ps
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS, LVDS, LVPECL,
HCSL, SSTL, HSTL, CML
QFN24
Si5338 FEATURES
• Generates any frequency on any output, from 160 kHz
to 350 MHz and select frequencies to 710 MHz
• Exact clock synthesis (0 ppm error)
• Crystal or clock input
• 4 differential outputs or 8 single-ended outputs
• Any format, on any output: LVPECL, LVDS, HCSL,
LVCMOS, HSTL, SSTL and CML
• Independent VDDO per output eliminates external
level translators (1.5, 1.8, 2.5, 3.3 V)
• Low phase jitter: 1 ps rms
• I2C programmable or pin-controlled
• Excellent PSRR, no discrete components
• Spread spectrum clock generation
• User-definable control pins: Powerdown,
Output Enable, Frequency Select, Spread Select
• Factory-customizable clocks w/2 week lead times
www.silabs.com/custom-timing
Clock Generation
WEB-CONFIGURABLE FACTORY-CUSTOMIZED CLOCK GENERATORS AVAILABLE AT:
www.silabs.com/custom-timing
25 MHz 1.8 V CMOS
GbE
Ethernet
PHY
GbE
Ethernet
PHY
Si5335/38
GbE
Ethernet
PHY
GbE
Ethernet
PHY
µProcessor
µProcessor
FPGA
FPGA
T1/E1
Framer
T1/E1
Framer
Si5338
Clock
Generator
Si5338
Clock
Generator
25 MHz 1.8 V CMOS
66.6 MHz ±5% 3.3 V CMOS
100 MHz 2.5 V LVPECL
1.544 MHz/2.048 MHz 3.3 V CMOS
25 MHz


Podobny numer części - SI5374B-A-GL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SI5374B-A-GL SKYWORKS-SI5374B-A-GL Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
More results

Podobny opis - SI5374B-A-GL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com