Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7170DP Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części SI7170DP
Szczegółowy opis  N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7170DP Arkusz danych(HTML) 3 Page - Vishay Siliconix

  SI7170DP Datasheet HTML 1Page - Vishay Siliconix SI7170DP Datasheet HTML 2Page - Vishay Siliconix SI7170DP Datasheet HTML 3Page - Vishay Siliconix SI7170DP Datasheet HTML 4Page - Vishay Siliconix SI7170DP Datasheet HTML 5Page - Vishay Siliconix SI7170DP Datasheet HTML 6Page - Vishay Siliconix SI7170DP Datasheet HTML 7Page - Vishay Siliconix SI7170DP Datasheet HTML 8Page - Vishay Siliconix SI7170DP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 69981
S11-1650-Rev. C, 15-Aug-11
www.vishay.com
3
Vishay Siliconix
Si7170DP
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
14
28
42
56
70
0
1234
5
VDS - Drain-to-Source Voltage (V)
VGS =10 V thru 4 V
VGS =3 V
0.0020
0.0024
0.0028
0.0032
0.0036
0.0040
014
28
42
56
70
ID - Drain Current (A)
VGS =4.5 V
VGS =10 V
0
2
4
6
8
10
014
28
42
56
70
ID =20A
Qg - Total Gate Charge (nC)
VDS =20 V
VDS =15 V
VDS =10 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0
1234
5
VGS - Gate-to-Source Voltage (V)
TC = 125 °C
TC = 25 °C
TC = - 55 °C
Crss
0
1100
2200
3300
4400
5500
0
6
12
18
24
30
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.7
0.9
1.1
1.3
1.5
1.7
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
VGS =10 V
ID =15A
VGS =4.5 V


Podobny numer części - SI7170DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7172ADP VISHAY-SI7172ADP Datasheet
240Kb / 9P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
SI7172ADP-T1-RE3 VISHAY-SI7172ADP-T1-RE3 Datasheet
240Kb / 9P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
SI7172DP VISHAY-SI7172DP Datasheet
389Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. B, 05-May-14
SI7172DP-T1-GE3 VISHAY-SI7172DP-T1-GE3 Datasheet
191Kb / 9P
   N-Channel 200-V (D-S) MOSFET
Rev. A, 04-Aug-08
SI7172DP VISHAY-SI7172DP_V01 Datasheet
366Kb / 13P
   N-Channel 75-V (D-S) MOSFET
01-Jan-2022
More results

Podobny opis - SI7170DP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com