Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL28EB636A Arkusz danych(PDF) 7 Page - Silicon Laboratories

Numer części SL28EB636A
Szczegółowy opis  Timing Selector Guide
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28EB636A Arkusz danych(HTML) 7 Page - Silicon Laboratories

Back Button SL28EB636A Datasheet HTML 3Page - Silicon Laboratories SL28EB636A Datasheet HTML 4Page - Silicon Laboratories SL28EB636A Datasheet HTML 5Page - Silicon Laboratories SL28EB636A Datasheet HTML 6Page - Silicon Laboratories SL28EB636A Datasheet HTML 7Page - Silicon Laboratories SL28EB636A Datasheet HTML 8Page - Silicon Laboratories SL28EB636A Datasheet HTML 9Page - Silicon Laboratories SL28EB636A Datasheet HTML 10Page - Silicon Laboratories SL28EB636A Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CLOCK A ND OSCILL ATOR SELEC TOR /
7
These integrated clock + VCXO devices feature an integrated voltage controlled oscillator (VCXO), while eliminating the
need for custom, pullable crystals. Free-running and VCXO clocks can be generated by one device, making them ideal for
cost-sensitive consumer applications.
CMOS Clock Generator + VCXOs
PART NUMBER CONTROL
CLOCK
INPUT/
OUTPUTS
INPUT
FREQUENCY
(MHz)
OUTPUT
FREQUENCY (MHz)
PERIOD
JITTER
(PP)
VDD
VDDO
OUTPUT
PACKAGE
Si5350B
Pin
1/3 or 8
25/27 (Xtal)
VCXO
8 kHz - 160 MHz
100 ps
2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
MSOP10/QFN20
Si5351B
I2C
1/8
25/27 (Xtal)
VCXO
8 kHz - 160 MHz
100 ps
2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
QFN20
SL38000
Pin/I2C
1/12
3 - 166 (Clock),
8 - 48 (Xtal)
3 - 200 MHz
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
TSSOP28
SL38160
Pin/I2C
1/8
3 - 166 (Clock),
8 - 48 (Xtal)
3 - 200 MHz
1.8, 2.5, 3.3 V
1.8, 2.5, 3.3 V
LVCMOS
TSSOP16
Si5350B/51B FEATURES
• Generates any frequency on any output, 8 kHz to 160 MHz
• Exact clock synthesis: 0 ppm error
• Similar frequency flexibility as 8 independent PLLs
• Accepts crystal and analog control voltage input (VCXO)
• <100 ps pk-pk period jitter for any configuration
• Glitchless switching between output frequencies
• Integrated VCXO uses standard non-pullable crystal
• I2C programmable or pin-controlled
• Excellent PSRR: no discrete components
• Two week sample lead time for any custom clock
• Integrated load capacitors
• Spread spectrum clock generation
-0.5 to -2.5% down, ±0.1 to ±1.5% center
• User-definable control pins Powerdown,
Output Enable, Spread Enable or Frequency
Select control pins
Si401x
Wireless
Transmitter
Si401x
Wireless
Transmitter
C8051F7xx
Capacitive
Touch MCU
C8051F7xx
Capacitive
Touch MCU
Si1120/40
Proximity
Sensor/ALS
Si1120/40
Proximity
Sensor/ALS
SOC
+
Video
Processor
SOC
+
Video
Processor
AC/DC Supply
AC/DC Supply
Si84xx/86xx
Digital Isolators
Si84xx/86xx
Digital Isolators
Si431x
Wireless
Receiver
Si431x
Wireless
Receiver
Si47xx
AM/FM
Receiver
Si47xx
AM/FM
Receiver
Si5350
Clock
Generator
Si5350
Clock
Generator
Satellite
Tuner
Satellite
Tuner
Si2185/Si211x
TV Receiver
Si2185/Si211x
TV Receiver
Si216x
Digital TV
Demodulator
Si216x
Digital TV
Demodulator
Si21x6
TV Tuner
Si21x6
TV Tuner
Satellite
Remote Control
—OR—


Podobny numer części - SL28EB636A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SL28EB742 ETC2-SL28EB742 Datasheet
231Kb / 40P
   INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
logo
Silicon Laboratories
SL28EB742 SILABS-SL28EB742 Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
SL28EB742ALC SILABS-SL28EB742ALC Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
More results

Podobny opis - SL28EB636A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com