Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL28EB742 Arkusz danych(PDF) 9 Page - Silicon Laboratories

Numer części SL28EB742
Szczegółowy opis  Timing Selector Guide
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28EB742 Arkusz danych(HTML) 9 Page - Silicon Laboratories

Back Button SL28EB742 Datasheet HTML 5Page - Silicon Laboratories SL28EB742 Datasheet HTML 6Page - Silicon Laboratories SL28EB742 Datasheet HTML 7Page - Silicon Laboratories SL28EB742 Datasheet HTML 8Page - Silicon Laboratories SL28EB742 Datasheet HTML 9Page - Silicon Laboratories SL28EB742 Datasheet HTML 10Page - Silicon Laboratories SL28EB742 Datasheet HTML 11Page - Silicon Laboratories SL28EB742 Datasheet HTML 12Page - Silicon Laboratories SL28EB742 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
CLOCK A ND OSCILL ATOR SELEC TOR /
9
PART NUMBER CONTROL
CLOCK
INPUT/
OUTPUTS
INPUT
FREQUENCY
(MHz)
OUTPUT
FREQUENCY (MHz)
VDD
VDDO
OUTPUT
PACKAGE
SL28EB636A
SL28EB717
Pin/I2C
1/13
25 MHz
12 MHz, 14.318 MHz, 25 MHz, 27 MHz, 33
MHz, 48 MHz, 75 MHz, 96 MHz,
83.33 MHz-166 MHz, 100 MHz
3.3 V
3.3 V
LVCMOS, HCSL
48QFN
SL28EB719
Pin/I2C
1/13
25 MHz
12 MHz, 14.318 MHz, 25 MHz, 27 MHz, 33
MHz, 48 MHz, 75 MHz, 96 MHz,
83.33 MHz-166 MHz, 100 MHz
3.3 V
3.3 V
LVCMOS, HCSL
TSSOP48
SL28EB731A
SL28EB740
Pin/I2C
1/16
25 MHz
12 MHz, 14.318 MHz, 25 MHz,
33 MHz, 48 MHz, 75 MHz, 96 MHz,
83.33 MHz-166 MHz, 100 MHz
3.3 V
3.3 V
LVCMOS, HCSL
TSSOP56
SL28EB742
Pin/I2C
1/16
14.318 MHz
14.3 MHz, 33 MHz, 48 MHz, 96 MHz, 100
MHz, 133 MHz, 166 MHz
3.3 V
3.3 V
LVCMOS, HCSL
QFN56
SL28EB742A
Embedded Intel x86 Clocks (cont.)


Podobny numer części - SL28EB742

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SL28EB742 ETC2-SL28EB742 Datasheet
231Kb / 40P
   INTEL CEDARVIEW EMBEDDED CLOCK GENERATOR
logo
Silicon Laboratories
SL28EB742 SILABS-SL28EB742 Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
SL28EB742ALC SILABS-SL28EB742ALC Datasheet
302Kb / 43P
   EPROCLOCK짰 GENERATOR FOR INTEL짰 CK505 COMPLIANCE
More results

Podobny opis - SL28EB742

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com