Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP31 Arkusz danych(PDF) 3 Page - Nell Semiconductor Co., Ltd

Numer części TIP31
Szczegółowy opis  Complementary Silicon Power Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NELLSEMI [Nell Semiconductor Co., Ltd]
Strona internetowa  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

TIP31 Arkusz danych(HTML) 3 Page - Nell Semiconductor Co., Ltd

  TIP31 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd TIP31 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd TIP31 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd TIP31 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd TIP31 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.5 Active region safe operating area
1.0
Fig.4 Turn-off time
Collector-emitter voltage , V
(V)
CE
Page 3 of 5
www.nellsemi.com
10
0.5
5.0
0.1
0.2
1.0ms
Fig.7 Dc current gain
0.03 0.05
0.1
Collector current, I (A)
C
0.3
1.0
3.0
Collector emitter , I (A)
C
TIP31 (NPN) Series
TIP32 (PNP) Series
TIP31A,TIP32A
TIP31B,TIP32B
TIP31C,TIP32C
Second Breakdown Limited
@ T ≤ 150
˚C
J
Thermal limit @ T = 25
˚C
J
Bonding wire limit
CURVES APPLY
BELLOW RATED VCEO
5.0ms
5.0
10
20
50
100
2.0
I
= I
B1
B2
I / I = 10
C
B
t ’ = t - 1/8t
S
S
f
T = 25°C
J
t ’
S
t @ V
= 30V
f
CC
t @ V
= 10V
f
CC
0.2
0.1
0.05
0.03
3.0
1.0
0.5
0.3
0.07
2.0
0.7
0.1
0.05
0.03
0.07
0.2
0.3
0.5
0.7
1.0
3.0
2.0
T = 150
°C
J
25
°C
-55
°C
V
= 2.0V
CE
7.0
100
50
70
10
300
5.0
30
500
There are two limitations on the power handling ability
of a tr ansisto r: avera ge juncti on te mpera tu re and
second
breakdown.
Sa fe operating area curves indicate l -V
C
CE
limits of the tra nsistor that must be observe d for re liable
op er at ion ; i.e. , the
mus t no t be sub jec ted to
tran sistor
The data of fi g.5 is based on T
= 150°C; T
is vari able
J(p k)
C
depending on conditi ons. Second bre akdown pulse limits are valid
fo r duty cycles to 10% pro vided T
≤ 150
°C T
may be
J(p k)
J(p k)
Collector Current, l (A)
C
Fig.3 Turn-on time
0.02
0.1
0.3
0.1
0.05
0.03
3.0
1.0
0.5
0.05
0.07
0.7
1.0
2.0
I /I = 10
C
B
T = 25
°C
J
t @ V
= 30V
r
CC
t @ V
= 10V
r
CC
t @ V
= 2.0V
d
EB(off)
0.03
0.3
0.5
Fig.6 Capacitance
100
50
70
30
0.1
0.2
0.5
1.0
2
5
10
200
300
Ceb
Ccb
T = +25
°C
J
0.3
3
7
40
Reverse voltage, V (V)
R
(Single pulse)
100µs
20 30
calulated
form the data in Figure 13. At high case
temperatures, thermal limitations will reduce the power
that can be handled to valuesless than the limitations
by second breakdown.


Podobny numer części - TIP31

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP31 MOSPEC-TIP31 Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
Micro Commercial Compon...
TIP31 MCC-TIP31 Datasheet
262Kb / 2P
   Silicon NPN Power Transistors
logo
Jiangsu Changjiang Elec...
TIP31 JIANGSU-TIP31 Datasheet
2Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Power Innovations Ltd
TIP31 POINN-TIP31 Datasheet
86Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
TIP31 ISC-TIP31 Datasheet
162Kb / 4P
   Silicon NPN Power Transistors
More results

Podobny opis - TIP31

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
CJD200 CENTRAL-CJD200 Datasheet
486Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
2N6726 CENTRAL-2N6726 Datasheet
63Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
ON Semiconductor
D45C12 ONSEMI-D45C12 Datasheet
78Kb / 3P
   Complementary Silicon Power Transistor
November, 2007 - Rev. 2
logo
Central Semiconductor C...
CJD41C CENTRAL-CJD41C Datasheet
126Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
STMicroelectronics
TIP41A STMICROELECTRONICS-TIP41A_05 Datasheet
205Kb / 10P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CJD2955 CENTRAL-CJD2955 Datasheet
542Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6714 NJSEMI-2N6714 Datasheet
48Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com