Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP35 Arkusz danych(PDF) 3 Page - Nell Semiconductor Co., Ltd

Numer części TIP35
Szczegółowy opis  Complementary Silicon Power Transistor 25A/40~100V/125W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NELLSEMI [Nell Semiconductor Co., Ltd]
Strona internetowa  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

TIP35 Arkusz danych(HTML) 3 Page - Nell Semiconductor Co., Ltd

  TIP35 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd TIP35 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd TIP35 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
Fig.1 DC current gain for
Collector current, I (A)
C
Collector Current, l (A)
C
Fig.5 Active region safe operating area
Fig.3 Turn-on time
Fig.2 Turn-off time
20
0.2
0.5
0.1
1.0
0.05
0.02
0.3
0.5
1.0
2.0
20
10
100
50
20
10
0.2
1
2
5
0.2
0.1
2.0
1.0
0.5
0.3
Fig.4 Reverse biase safe operating area
30
20
10
0
Collector current, I (A)
C
Collector-emitter voltage (volts), VCE
Page 3 of 3
www.nellsemi.com
TIP35 (NPN) Series
TIP36 (PNP) Series
PNP
NPN
V
= 4V
CE
T = 25
°C
J
10
5
50
100
200
500
5.0
10
2.0
20
50
30
20
10
5.0
0.5
1.0
2.0
5.0
10
tf
tf
ts
ts
PNP
NPN
I /I = 10
C
B
I
= I
B1
b2
V
= 30V
CC
T = 25
°C
J
PNP
NPN
td
tr
I /I = 10
C
B
V
= 30V
CC
T = 25
°C
J
V
= 2V
BE(OFF)
5.0
10
20 30
0.2
0.1
0.5
1.0
3.0
40
80
70
60
50
100
90
30
40
TIP35C
TIP36C
TIP35C
TIP36C
TIP35A
TIP36A
TIP35
TIP36
1ms
300µs
5.0ms
DC
10
20
50
100
TIP35.TIP36
TIP35A,TIP36A
TIP35B,TIP36B
TIP35C,TIP36C
5.0
0.5
0.1
1.0
2.0
Fig.6 Power Derating
100
150
25
0
25
50
Temperature, T (°C)
C
75
100
150
125
125
50
0
75
Collector emitter , V
(V)
CE
Bonding Wire Limit
Second Breakdown Limit
Thermally Limit
T =25
°C (Single Pulse)
C


Podobny numer części - TIP35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP35 MOSPEC-TIP35 Datasheet
154Kb / 3P
   POWER TRANSISTORS(25A,40-100V,125W)
logo
Power Innovations Ltd
TIP35 POINN-TIP35 Datasheet
93Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
TIP35 SAVANTIC-TIP35 Datasheet
169Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
TIP35 ISC-TIP35 Datasheet
174Kb / 4P
   Silicon NPN Power Transistors
logo
Central Semiconductor C...
TIP35 CENTRAL-TIP35 Datasheet
272Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Podobny opis - TIP35

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP35 MOSPEC-TIP35 Datasheet
154Kb / 3P
   POWER TRANSISTORS(25A,40-100V,125W)
logo
Nell Semiconductor Co.,...
TIP41 NELLSEMI-TIP41 Datasheet
257Kb / 5P
   Complementary Silicon Power Transistor 6A/40~100V/65W
logo
Mospec Semiconductor
BD249 MOSPEC-BD249 Datasheet
131Kb / 3P
   POWER TRANSISTORS(25A,125W)
TIP35D MOSPEC-TIP35D Datasheet
164Kb / 3P
   POWER TRANSISTORS(25A,120-160V,125W)
BDV66 MOSPEC-BDV66 Datasheet
102Kb / 3P
   POWER TRANSISTORS(16A,60-100V,125W)
TIP140 MOSPEC-TIP140 Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,125W)
logo
STMicroelectronics
BD243C STMICROELECTRONICS-BD243C Datasheet
78Kb / 8P
   COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CJD340 CENTRAL-CJD340 Datasheet
453Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
CJD32C CENTRAL-CJD32C Datasheet
126Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
CJD200 CENTRAL-CJD200 Datasheet
486Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com