Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS6143IRHB25 Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części ADS6143IRHB25
Szczegółowy opis  14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6143IRHB25 Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS6143IRHB25 Datasheet HTML 1Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 2Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 3Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 4Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 5Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 6Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 7Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 8Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS6145, ADS6144
ADS6143, ADS6142
SLWS198B – JULY 2007 – REVISED MARCH 2008
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
DRVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1 dBFS differential analog input, internal
reference mode, applies to CMOS and LVDS interfaces, unless otherwise noted.
ADS6145
ADS6144
ADS6143
ADS6142
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
RESOLUTION
14
14
14
14
Bits
ANALOG INPUT
Differential input voltage range
2
2
2
2
VPP
Differential input resistance (dc),
> 1
> 1
> 1
> 1
M
see Figure 94
Differential input capacitance,
7
7
7
7
pF
see Figure 95
Analog input bandwidth
450
450
450
450
MHz
Analog input common-mode current
180
151
114
92
µA
(per input pin of each ADC)
REFERENCE VOLTAGES
VREFB
Internal reference bottom voltage
1
1
1
1
V
VREFT
Internal reference top voltage
2
2
2
2
V
ΔVREF
Internal reference error
-20
± 5
20
-20
± 5
20
-20
± 5
20
-20
± 5
20
mV
(VREFT–VREFB)
VCM
Common-mode output voltage
1.5
1.5
1.5
1.5
V
VCM Output current capability
4
4
4
4
mA
DC ACCURACY
No missing codes
Specified
Specified
Specified
Specified
EO
Offset error
-10
± 2
10
-10
± 2
10
-10
± 2
10
-10
± 2
10
mV
Offset error temperature coefficient
0.05
0.05
0.05
0.05
mV/
°C
There are two sources of gain error – internal reference inaccuracy and channel gain error
EGREF
Gain error due to internal reference
-1
0.25
1
-1
0.25
1
-1
0.25
1
-1
0.25
1
% FS
inaccuracy alone, (
ΔVREF /2) %
EGCHAN
Gain error of channel alone(1)
-1
±0.3
1
-1
±0.3
1
-1
±0.3
1
-1
±0.3
1
% FS
Channel gain error temperature
0.005
0.005
0.005
0.005
Δ%/
°C
coefficient
DNL
Differential nonlinearity
-0.95
± 0.6
2
-0.95
± 0.6
2
-0.95
± 0.5
2
-0.95
± 0.5
2
LSB
INL
Integral nonlinearity
-4.5
± 2.5
4.5
-4.5
± 2.5
4.5
-4
± 2
4
-4
± 2
4
LSB
POWER SUPPLY
IAVDD
Analog supply current
123
110
94
84
mA
Digital supply current, CMOS
interface,
IDRVDD
6.1
5.4
4.5
4.0
mA
DRVDD = 1.8 V,
No load capacitance, Fin= 2 MHz
(2)
Digital supply current, LVDS
interface,
IDRVDD
42
42
42
42
mA
DRVDD = 3.3 V,
with 100-
Ω external termination
Total power, CMOS,
417
625
374
525
318
440
285
400
mW
DRVDD = 3.3 V (3)
Global power down
30
60
30
60
30
60
30
60
mW
(1)
Specified by design and characterization; not tested in production.
(2)
In CMOS mode, the DRVDD current scales with the sampling frequency and the load capacitance on the output pins (see Figure 87).
(3)
The maximum DRVDD current depends on the actual load capacitance on the digital output lines. Note that the maximum
recommended load capacitance is 10 pF.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS6145, ADS6144 ADS6143, ADS6142


Podobny numer części - ADS6143IRHB25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6143IRHBR TI-ADS6143IRHBR Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHBRG4 TI-ADS6143IRHBRG4 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHBT TI-ADS6143IRHBT Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHBTG4 TI-ADS6143IRHBTG4 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Podobny opis - ADS6143IRHB25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com