Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS6143IRHB25 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części ADS6143IRHB25
Szczegółowy opis  14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS6143IRHB25 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADS6143IRHB25 Datasheet HTML 2Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 3Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 4Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 5Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 6Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 7Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 8Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 9Page - Texas Instruments ADS6143IRHB25 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ADS6145, ADS6144
ADS6143, ADS6142
SLWS198B – JULY 2007 – REVISED MARCH 2008
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
DRVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1 dBFS differential analog input, internal
reference mode, applies to CMOS and LVDS interfaces, unless otherwise noted.
ADS6145
ADS6144
ADS6143
ADS6142
FS = 125 MSPS
FS = 105 MSPS
FS = 80 MSPS
FS = 65 MSPS
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
DYNAMIC AC CHARACTERISTICS
Fin = 10 MHz
73.9
74.3
74.6
74.7
Fin = 50 MHz
70
73.7
73.7
71
74.2
74.4
Fin = 70 MHz
73.3
70
73.9
74.1
71
74.4
SNR
0 dB Gain
71.1
71.8
72.3
72.7
Signal-to-noise
dBFS
Fin = 170 MHz 3.5 dB Coarse
ratio, CMOS
70.1
70.9
71.4
71.8
gain
0 dB Gain
69.8
70.7
71.3
71.7
Fin = 230 MHz 3.5 dB Coarse
69
69.9
70.4
70.9
gain
Fin = 10 MHz
74.5
74.4
74.9
75
Fin = 50 MHz
70.5
74.4
73.9
71.5
74.4
74.6
Fin = 70 MHz
74.1
70.5
74.1
74.3
71.5
74.6
SNR
0 dB Gain
72.3
72.3
72.8
72.9
Signal-to-noise
dBFS
Fin = 170 MHz 3.5 dB Coarse
ratio, LVDS
71.5
71.5
71.9
72.1
gain
0 dB Gain
71.2
71.2
71.8
72
Fin = 230 MHz 3.5 dB Coarse
70.5
70.5
71.1
71.2
gain
RMS output
Inputs tied to common-mode
1.05
1.05
1.05
1.05
LSB
noise
Fin = 10 MHz
73.7
74.1
74.5
74.6
Fin = 50 MHz
69
72.3
73
70
74.1
74.1
Fin = 70 MHz
72.6
69
73.2
73.3
70
74.0
SINAD
Signal-to-noise
0 dB Gain
68.7
71
71.1
72.2
and distortion
dBFS
Fin = 170 MHz 3.5 dB Coarse
ratio
68.6
70.5
70.6
71.5
gain
CMOS
0 dB Gain
67.3
69
70.2
70.6
Fin = 230 MHz 3.5 dB Coarse
67
69
69.9
70.4
gain
Fin = 10 MHz
74.3
74.3
74.8
74.9
Fin = 50 MHz
69.5
72.7
72.9
70.5
74.3
74.4
Fin = 70 MHz
73.4
69.5
73.5
73.6
70.5
74.4
SINAD
Signal-to-noise
0 dB Gain
70.6
71.4
72
72.4
and distortion
dBFS
Fin = 170 MHz 3.5 dB Coarse
ratio
70.8
71.1
71.6
71.9
gain
LVDS
0 dB Gain
69.4
69.2
71
70.5
Fin = 230 MHz 3.5 dB Coarse
69.4
69.4
70.7
70.5
gain
ENOB
Fin = 50 MHz
11.1
11.7
11.3
12
Effective
Bits
Fin = 70 MHz
11.1
11.8
11.3
12
number of bits
Fin = 10 MHz
90
91
93
95
Fin = 50 MHz
76
80
83
79
89
89
Fin = 70 MHz
84
78
84
84
79
86
SFDR
0 dB Gain
76
80
81
82
Spurious free
dBc
Fin = 170 MHz 3.5 dB Coarse
dynamic range
78
82
83
84
gain
0 dB Gain
75
77
79
79
Fin = 230 MHz 3.5 dB Coarse
76
79
81
82
gain
6
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS6145, ADS6144 ADS6143, ADS6142


Podobny numer części - ADS6143IRHB25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6143IRHBR TI-ADS6143IRHBR Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHBRG4 TI-ADS6143IRHBRG4 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHBT TI-ADS6143IRHBT Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHBTG4 TI-ADS6143IRHBTG4 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Podobny opis - ADS6143IRHB25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6125 TI-ADS6125 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6124IRHB25 TI-ADS6124IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6122 TI1-ADS6122 Datasheet
2Mb / 67P
[Old version datasheet]   12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P25 TI-ADS62P25 Datasheet
1Mb / 71P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P24 TI1-ADS62P24_14 Datasheet
1Mb / 78P
[Old version datasheet]   DUAL CHANNEL, 12-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
[Old version datasheet]   14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
logo
NXP Semiconductors
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com