Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQPF8N60CT Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FQPF8N60CT
Szczegółowy opis  N-Channel QFET짰 MOSFET 600 V, 7.5 A, 1.2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF8N60CT Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FQPF8N60CT Datasheet HTML 1Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 2Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 3Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 4Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 5Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 6Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 7Page - Fairchild Semiconductor FQPF8N60CT Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2013
FQPF8N60C
N-Channel QFET® MOSFET
600 V, 7.5 A, 1.2 Ω
Description
©2004 Fairchild Semiconductor Corporation
FQPF8N60C Rev. C0
www.fairchildsemi.com
1
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild s proprietary,
planar stripe,
DMOS technology. This advanced
technology has been especially tailored to minimize on-
state resistance, provide superior switching performance,
and withstand high energy pulse in the avalanche and
commutation mode. These devices are well suited for high
efficiency switched mode power supplies, active power
factor correction, electronic lamp ballasts based on half
bridge topology.
Features
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted.
TO-220F
G
DS
G
S
D
7.5 A, 600 V, RDS(on) = 1.2 Ω (Max.) @ VGS = 10 V,
ID = 3.75 A
• Low
Gate Charge (Typ. 28 nC)
• Low Crss (
Typ. 12 pF)
• 100%
Avalanche Tested
Thermal Characteristics
Symbol
Parameter
FQPF8N60C
Unit
RθJC
Thermal Resistance, Junction-to-Case
, Max.
2.6
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
, Max.
62.5
°C/W
* Drain current limited by maximum junction temperature.
Symbol
Parameter
FQPF8N60C
Unit
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
- Continuous (TC = 25°C)
7.5 *
A
- Continuous (TC = 100°C)
4.6 *
A
IDM
Drain Current
- Pulsed
(Note 1)
30 *
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
230
mJ
IAR
Avalanche Current
(Note 1)
7.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
14.7
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
48
W
- Derate above 25°C
0.38
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C


Podobny numer części - FQPF8N60CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQPF8N60C FAIRCHILD-FQPF8N60C Datasheet
927Kb / 10P
   600V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
FQPF8N60C KERSEMI-FQPF8N60C Datasheet
1Mb / 9P
   600V N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF8N60C FAIRCHILD-FQPF8N60C Datasheet
1Mb / 10P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF8N60C ISC-FQPF8N60C Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF8N60CF FAIRCHILD-FQPF8N60CF Datasheet
755Kb / 8P
   600V N-Channel MOSFET
More results

Podobny opis - FQPF8N60CT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQB8N60CTM FAIRCHILD-FQB8N60CTM Datasheet
804Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 7.5 A, 1.2 廓
logo
ON Semiconductor
FQD2N60C ONSEMI-FQD2N60C Datasheet
979Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
October-2017,Rev.2
logo
Fairchild Semiconductor
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQU1N60CTU FAIRCHILD-FQU1N60CTU Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com