Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14049UBCPG Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC14049UBCPG
Szczegółowy opis  Hex Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14049UBCPG Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC14049UBCPG Datasheet HTML 1Page - ON Semiconductor MC14049UBCPG Datasheet HTML 2Page - ON Semiconductor MC14049UBCPG Datasheet HTML 3Page - ON Semiconductor MC14049UBCPG Datasheet HTML 4Page - ON Semiconductor MC14049UBCPG Datasheet HTML 5Page - ON Semiconductor MC14049UBCPG Datasheet HTML 6Page - ON Semiconductor MC14049UBCPG Datasheet HTML 7Page - ON Semiconductor MC14049UBCPG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 8
1
Publication Order Number:
MC14049UB/D
MC14049UB
Hex Buffers
The MC14049UB hex inverter/buffer is constructed with MOS
P−channel and N−channel enhancement mode devices in a single
monolithic structure. This complementary MOS device finds primary
use where low power dissipation and/or high noise immunity is
desired. This device provides logic−level conversion using only one
supply voltage, VDD. The input−signal high level (VIH) can exceed the
VDD supply voltage for logic−level conversions. Two TTL/DTL
Loads can be driven when the device is used as CMOS−to−TTL/DTL
converters (VDD = 5.0 V, VOL v 0.4 V, IOL ≥ 3.2 mA). Note that pins
13 and 16 are not connected internally on this device; consequently
connections to these terminals will not affect circuit operation.
Features
High Source and Sink Currents
High−to−Low Level Converter
Supply Voltage Range = 3.0 V to 18 V
Meets JEDEC UB Specifications
VIN can exceed VDD
Improved ESD Protection on All Inputs
These Devices are Pb−Free and are RoHS Compliant
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
−0.5 to +18.0
V
Vin
Input Voltage Range
(DC or Transient)
−0.5 to +18.0
V
Vout
Output Voltage Range
(DC or Transient)
−0.5 to VDD
+0.5
V
Iin
Input Current
(DC or Transient) per Pin
±10
mA
Iout
Output Current
(DC or Transient) per Pin
+45
mA
PD
Power Dissipation, per Package (Note 1)
Plastic
SOIC
825
740
mW
TA
Ambient Temperature Range
−55 to +125
°C
Tstg
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature (8−Second Soldering)
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Temperature Derating: All Packages: See Figure 4.
This device contains circuitry to protect the inputs against damage due to high
static voltages or electric fields referenced to the VSS pin, only. Extra precautions
must be taken to avoid applications of any voltage higher than the maximum rated
voltages to this high−impedance circuit. For proper operation, the ranges
VSS v Vin v 18 V and VSS v Vout v VDD are recommended.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left open.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
MARKING
DIAGRAMS
PDIP−16
P SUFFIX
CASE 648
MC14049UBCP
AWLYYWWG
SOIC−16
D SUFFIX
CASE 751B
TSSOP−16
DT SUFFIX
CASE 948F
14049UBG
AWLYWW
SOEIAJ−16
F SUFFIX
CASE 966
MC14049UB
ALYWG
16
1
1
16
1
16
14
049UB
ALYW G
G
1
16
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G
= Pb−Free Package
(Note: Microdot may be in either location)


Podobny numer części - MC14049UBCPG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14049UBCPG ONSEMI-MC14049UBCPG Datasheet
113Kb / 8P
   W Semiconductor Components Industries, LLC, 2004
December, 2004 ??Rev. 6
More results

Podobny opis - MC14049UBCPG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GD74HCT34 ETC1-GD74HCT34 Datasheet
169Kb / 4P
   HEX BUFFERS
logo
ON Semiconductor
MC14049UB ONSEMI-MC14049UB_14 Datasheet
107Kb / 7P
   Hex Buffers
May, 2014 ??Rev. 9
MC14049UB ONSEMI-MC14049UB_V01 Datasheet
201Kb / 7P
   Hex Buffers
March, 2022 ??Rev. 11
logo
National Semiconductor ...
CD4009M NSC-CD4009M Datasheet
87Kb / 3P
   Hex Buffers
logo
Estek Electronics Co. L...
IW4049B ESTEK-IW4049B Datasheet
134Kb / 5P
   hex buffers
logo
List of Unclassifed Man...
MC14009 ETC-MC14009 Datasheet
278Kb / 5P
   HEX BUFFERS
logo
ON Semiconductor
MC14049UB ONSEMI-MC14049UB Datasheet
205Kb / 8P
   Hex Buffers
March, 2000 ??Rev. 3
MC14049UB ONSEMI-MC14049UB_17 Datasheet
106Kb / 7P
   Hex Buffers
June, 2017 ??Rev. 10
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B_15 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
logo
Nexperia B.V. All right...
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
   Hex inverting buffers
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com