Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14049UBDG Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC14049UBDG
Szczegółowy opis  Hex Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14049UBDG Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC14049UBDG Datasheet HTML 1Page - ON Semiconductor MC14049UBDG Datasheet HTML 2Page - ON Semiconductor MC14049UBDG Datasheet HTML 3Page - ON Semiconductor MC14049UBDG Datasheet HTML 4Page - ON Semiconductor MC14049UBDG Datasheet HTML 5Page - ON Semiconductor MC14049UBDG Datasheet HTML 6Page - ON Semiconductor MC14049UBDG Datasheet HTML 7Page - ON Semiconductor MC14049UBDG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC14049UB
http://onsemi.com
2
Figure 1. Pin Assignment
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
OUTE
NC
INF
OUTF
NC
IND
OUTD
INE
OUTB
INA
OUTA
VDD
VSS
INC
OUTC
INB
NC = NO CONNECTION
Figure 2. Logic Diagram
MC14049UB
14
15
11
9
7
5
3
12
10
6
4
2
NC = PIN 13, 16
VSS = PIN 8
VDD = PIN 1
Figure 3. Circuit Schematic
VDD
VSS
MC14049UB
(1/6 of circuit shown)
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55_C
25_C
125_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
“1” Level
Vin = 0 or VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 Vdc)
(VO = 9.0 Vdc)
(VO = 13.5 Vdc)
“1” Level
(VO = 0.5 Vdc)
(VO = 1.0 Vdc)
(VO = 1.5 Vdc)
VIL
5.0
10
15
1.0
2.0
2.5
2.25
4.50
6.75
1.0
2.0
2.5
1.0
2.0
2.5
Vdc
VIH
5.0
10
15
4.0
8.0
12.5
4.0
8.0
12.5
2.75
5.50
8.25
4.0
8.0
12.5
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOH
5.0
10
15
– 1.6
– 1.6
– 4.7
– 1.25
– 1.3
– 3.75
– 2.5
– 2.6
– 10
– 1.0
– 1.0
– 3.0
mAdc
IOL
5.0
10
15
3.75
10
30
3.2
8.0
24
6.0
16
40
2.6
6.6
19
mAdc
Input Current
Iin
15
± 0.1
±0.000
01
± 0.1
± 1.0
mAdc
Input Capacitance (Vin = 0)
Cin
10
20
pF
Quiescent Current (Per Package)
IDD
5.0
10
15
1.0
2.0
4.0
0.002
0.004
0.006
1.0
2.0
4.0
30
60
120
mAdc
Total Supply Current (Note 3 and 4)
(Dynamic plus Quiescent, Per Package)
(CL = 50 pF on all outputs, all buffers
switching)
IT
5.0
10
15
IT = (1.8 mA/kHz) f + IDD
IT = (3.5 mA/kHz) f + IDD
IT = (5.3 mA/kHz) f + IDD
mAdc
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at 25_C.
4. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL − 50) Vfk
where: IT is in mA (per package), CL in pF, V = (VDD − VSS) in volts, f in kHz is input frequency, and k = 0.002.


Podobny numer części - MC14049UBDG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14049UBDG ONSEMI-MC14049UBDG Datasheet
113Kb / 8P
   W Semiconductor Components Industries, LLC, 2004
December, 2004 ??Rev. 6
MC14049UBDG ONSEMI-MC14049UBDG Datasheet
107Kb / 7P
   Hex Buffers
May, 2014 ??Rev. 9
MC14049UBDG ONSEMI-MC14049UBDG Datasheet
106Kb / 7P
   Hex Buffers
June, 2017 ??Rev. 10
MC14049UBDG ONSEMI-MC14049UBDG Datasheet
201Kb / 7P
   Hex Buffers
March, 2022 ??Rev. 11
More results

Podobny opis - MC14049UBDG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GD74HCT34 ETC1-GD74HCT34 Datasheet
169Kb / 4P
   HEX BUFFERS
logo
ON Semiconductor
MC14049UB ONSEMI-MC14049UB_14 Datasheet
107Kb / 7P
   Hex Buffers
May, 2014 ??Rev. 9
MC14049UB ONSEMI-MC14049UB_V01 Datasheet
201Kb / 7P
   Hex Buffers
March, 2022 ??Rev. 11
logo
National Semiconductor ...
CD4009M NSC-CD4009M Datasheet
87Kb / 3P
   Hex Buffers
logo
Estek Electronics Co. L...
IW4049B ESTEK-IW4049B Datasheet
134Kb / 5P
   hex buffers
logo
List of Unclassifed Man...
MC14009 ETC-MC14009 Datasheet
278Kb / 5P
   HEX BUFFERS
logo
ON Semiconductor
MC14049UB ONSEMI-MC14049UB Datasheet
205Kb / 8P
   Hex Buffers
March, 2000 ??Rev. 3
MC14049UB ONSEMI-MC14049UB_17 Datasheet
106Kb / 7P
   Hex Buffers
June, 2017 ??Rev. 10
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B_15 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
logo
Nexperia B.V. All right...
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
   Hex inverting buffers
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com