Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14049UBDTR2G Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC14049UBDTR2G
Szczegółowy opis  Hex Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14049UBDTR2G Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC14049UBDTR2G Datasheet HTML 1Page - ON Semiconductor MC14049UBDTR2G Datasheet HTML 2Page - ON Semiconductor MC14049UBDTR2G Datasheet HTML 3Page - ON Semiconductor MC14049UBDTR2G Datasheet HTML 4Page - ON Semiconductor MC14049UBDTR2G Datasheet HTML 5Page - ON Semiconductor MC14049UBDTR2G Datasheet HTML 6Page - ON Semiconductor MC14049UBDTR2G Datasheet HTML 7Page - ON Semiconductor MC14049UBDTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14049UB
http://onsemi.com
3
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
Min
Typ
(Note 6)
Max
Unit
Output Rise Time
tTLH = (0.8 ns/pF) CL + 60 ns
tTLH = (0.3 ns/pF) CL + 35 ns
tTLH = (0.27 ns/pF) CL + 26.5 ns
tTLH
5.0
10
15
100
50
40
160
100
60
ns
Output Fall Time
tTHL = (0.3 ns/pF) CL + 25 ns
tTHL = (0.12 ns/pF) CL + 14 ns
tTHL = (0.1 ns/pF) CL + 10 ns
tTHL
5.0
10
15
40
20
15
60
40
30
ns
Propagation Delay Time
tPLH = (0.38 ns/pF) CL + 61 ns
tPLH = (0.20 ns/pF) CL + 30 ns
tPLH = (0.11 ns/pF) CL + 24.5 ns
tPLH
5.0
10
15
80
40
30
120
65
50
ns
Propagation Delay Time
tPHL = (0.38 ns/pF) CL + 11 ns
tPHL = (0.12 ns/PF) CL + 9 ns
tPHL = (0.11 ns/pF) CL + 4.5 ns
tPHL
5.0
10
15
30
15
10
60
30
20
ns
5. The formulas given are for the typical characteristics only at 25_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
ORDERING INFORMATION
Device
Package
Shipping
MC14049UBCPG
PDIP−16
(Pb−Free)
500 Units / Tape & Ammunition Box
MC14049UBDG
SOIC−16
(Pb−Free)
48 Units / Rail
NLV14049UBDG*
MC14049UBDR2G
SOIC−16
(Pb−Free)
2500 / Tape & Reel
NLV14049UBDR2G*
MC14049UBDTELG
TSSOP−16
(Pb−Free)
96 Units / Rail
MC14049UBDTR2G
TSSOP−16
(Pb−Free)
2500 / Tape & Reel
MC14049UBFELG
SOEIAJ−16
(Pb−Free)
2000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*NLV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.
Figure 4. Typical Voltage Transfer Characteristics versus Temperature
18
15
10
5
18
15
10
5
Vin, INPUT VOLTAGE (Vdc)
VDD = 5 Vdc
VDD = 15 Vdc
−55°C
+125°C
VDD = 10 Vdc


Podobny numer części - MC14049UBDTR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14049UBDTR2G ONSEMI-MC14049UBDTR2G Datasheet
107Kb / 7P
   Hex Buffers
May, 2014 ??Rev. 9
MC14049UBDTR2G ONSEMI-MC14049UBDTR2G Datasheet
106Kb / 7P
   Hex Buffers
June, 2017 ??Rev. 10
MC14049UBDTR2G ONSEMI-MC14049UBDTR2G Datasheet
201Kb / 7P
   Hex Buffers
March, 2022 ??Rev. 11
More results

Podobny opis - MC14049UBDTR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GD74HCT34 ETC1-GD74HCT34 Datasheet
169Kb / 4P
   HEX BUFFERS
logo
ON Semiconductor
MC14049UB ONSEMI-MC14049UB_14 Datasheet
107Kb / 7P
   Hex Buffers
May, 2014 ??Rev. 9
MC14049UB ONSEMI-MC14049UB_V01 Datasheet
201Kb / 7P
   Hex Buffers
March, 2022 ??Rev. 11
logo
National Semiconductor ...
CD4009M NSC-CD4009M Datasheet
87Kb / 3P
   Hex Buffers
logo
Estek Electronics Co. L...
IW4049B ESTEK-IW4049B Datasheet
134Kb / 5P
   hex buffers
logo
List of Unclassifed Man...
MC14009 ETC-MC14009 Datasheet
278Kb / 5P
   HEX BUFFERS
logo
ON Semiconductor
MC14049UB ONSEMI-MC14049UB Datasheet
205Kb / 8P
   Hex Buffers
March, 2000 ??Rev. 3
MC14049UB ONSEMI-MC14049UB_17 Datasheet
106Kb / 7P
   Hex Buffers
June, 2017 ??Rev. 10
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B_15 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
logo
Nexperia B.V. All right...
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
   Hex inverting buffers
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com