Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA4425F-E Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części LA4425F-E
Szczegółowy opis  5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4425F-E Arkusz danych(HTML) 5 Page - ON Semiconductor

  LA4425F-E Datasheet HTML 1Page - ON Semiconductor LA4425F-E Datasheet HTML 2Page - ON Semiconductor LA4425F-E Datasheet HTML 3Page - ON Semiconductor LA4425F-E Datasheet HTML 4Page - ON Semiconductor LA4425F-E Datasheet HTML 5Page - ON Semiconductor LA4425F-E Datasheet HTML 6Page - ON Semiconductor LA4425F-E Datasheet HTML 7Page - ON Semiconductor LA4425F-E Datasheet HTML 8Page - ON Semiconductor LA4425F-E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LA4425A
No.A0195-5/9
THD -- VCC
5
3
2
1.0
7
5
3
2
0.1
7
5
6
8
10
12
14
16
18
20
PO -- VCC
12
10
8
6
4
2
0
8
101214161820
ICC, Pd -- PO
700
600
500
400
300
200
100
0
7
6
5
4
3
2
1
0
7
0.1
23
5
7
1.0
23
5
7
10
ICC, Pd -- PO
0
200
0
2
4
6
8
10
400
600
800
1000
1200
7
0.1
23
5
7
1.0
23
5
7
10
2
SVRR -- VR
VNO -- Rg
SVRR -- fR
SVRR -- VCC
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
7
1k
23
5
7
10k
23
5
7
100k
2
50
40
30
20
10
0
8
9
10
11
12
13
14
15
16
17
18
19
50
40
30
20
10
0
0
200
400
600
800
1000
1200
50
40
30
20
10
0
05
7
100
23
5
7
1k
2
RL=4Ω
f=1kHz
VO=2V(PO=1W)
Rg=600
Ω
f=1kHz
Rg=600
Ω
THD=10%
Supply voltage, VCC -- V
Supply voltage, VCC -- V
RL=2Ω
RL=4Ω
RL=4Ω
f=1kHz
Rg=600
Ω
RL=2Ω
f=1kHz
Rg=600
Ω
Output power, PO -- W
Output power, PO -- W
ICC
VCC=16V
VCC=13.2V
ICC
VCC=16V
VCC=13.2V
VCC=13.2V
RL=4Ω
BPF=20Hz to 20kHz
Rg=0
→0.12mV
Supply voltage, VCC -- V
Signal source resistance, Rg --
Ω
RL=4Ω
VR=0dBm
fR=100Hz
Rg=0
BPF=20Hz to 20kHz
Power supply ripple, VR -- mVrms
Ripple frequency, fR -- Hz
VCC=13.2V
RL=4Ω
fR=100Hz
Rg=0
BPF=20Hz to 20kHz
VCC=13.2V
RL=4Ω
Rg=0
VR=0dBm
BPF=20Hz to 20kHz


Podobny numer części - LA4425F-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
LA4425A SANYO-LA4425A Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
logo
ON Semiconductor
LA4425A ONSEMI-LA4425A Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
LA4425AN ONSEMI-LA4425AN Datasheet
98Kb / 10P
   5W Power Amplifier
September 2014 - Rev. 0
More results

Podobny opis - LA4425F-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LA4425A-E ONSEMI-LA4425A-E Datasheet
103Kb / 9P
   5W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
June, 2013
logo
Sanyo Semicon Device
LA4425A SANYO-LA4425A_07 Datasheet
105Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4425A SANYO-LA4425A_10 Datasheet
138Kb / 9P
   For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4425PV SANYO-LA4425PV Datasheet
369Kb / 8P
   Monolithic Linear IC For Car Radio and Car Stereo 5W Power Amplifier with Very Few External Parts
LA4425A SANYO-LA4425A Datasheet
162Kb / 8P
   5 W Power Amplifier with Very Few External Parts for Car Radio and Car Stereo
LA4460N SANYO-LA4460N Datasheet
479Kb / 12P
   12W AF Power Amplifier for Car Radio, Car Stereo
logo
Toshiba Semiconductor
TA7205AP TOSHIBA-TA7205AP Datasheet
414Kb / 5P
   5.8W AUDIO POWER AMPLIFIER FOR CAR-STEREO, CAR-RADIO OUTPUT
logo
Sanyo Semicon Device
LA4460 SANYO-LA4460 Datasheet
478Kb / 5P
   12W AF Power Amplifier For Car Radio or Car Stereo
logo
NTE Electronics
NTE1388 NTE-NTE1388 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 5.8W, for Car Radio, Car Stereo
logo
Sanyo Semicon Device
LA4485 SANYO-LA4485 Datasheet
497Kb / 20P
   5 W, Two-channel Power Amplifier with Very Few External Parts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com