Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLR220ATF Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części IRLR220ATF
Szczegółowy opis  Advvanced Power Mosfet
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRLR220ATF Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  IRLR220ATF Datasheet HTML 1Page - Fairchild Semiconductor IRLR220ATF Datasheet HTML 2Page - Fairchild Semiconductor IRLR220ATF Datasheet HTML 3Page - Fairchild Semiconductor IRLR220ATF Datasheet HTML 4Page - Fairchild Semiconductor IRLR220ATF Datasheet HTML 5Page - Fairchild Semiconductor IRLR220ATF Datasheet HTML 6Page - Fairchild Semiconductor IRLR220ATF Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRLR/U220A
10
-1
10
0
10
1
10
-1
10
0
10
1
@ Notes :
1. 250
µs Pulse Test
2. T
C
= 25
o
C
V
GS
Top :
7.0V
6.0V
5.5V
5.0V
4.5V
4.0V
3.5V
Bottom :
3.0V
V
DS
, Drain-Source Voltage [V]
0
3
6
9
12
15
18
0.0
0.5
1.0
1.5
2.0
@ Note : T
J = 25
oC
V
GS = 10 V
V
GS = 5 V
I
D
, Drain Current [A]
02468
10
12
0
2
4
6
V
DS
= 160 V
V
DS
= 100 V
V
DS
= 40 V
@ Notes : I
D
= 5 A
Q
G
, Total Gate Charge [nC]
02
46
8
10
10
-1
10
0
10
1
25
oC
150
oC
- 55
oC
@ Notes :
1. V
GS
= 0 V
2. V
DS = 40 V
3. 250
µs Pulse Test
V
GS
, Gate-Source Voltage [V]
0.40.60.81.01.21.41.61.8
10
-1
10
0
10
1
150
oC
25
oC
@ Notes :
1. V
GS
= 0 V
2. 250
µs Pulse Test
V
SD
, Source-Drain Voltage [V]
10
0
10
1
0
100
200
300
400
500
C
iss= Cgs+ Cgd ( Cds= shorted )
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
@ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]
3
1&+$11(/
32:(5 026)(7
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current


Podobny numer części - IRLR220ATF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
IRLR220A ISC-IRLR220A Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - IRLR220ATF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com