Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL0453 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części HCPL0453
Szczegółowy opis  High Speed Transistor Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0453 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  HCPL0453 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0453 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0453 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0453 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0453 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0453 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0453 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0453 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0453 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL0XXX Rev. 1.0.4
April 2009
HCPL0452, HCPL0453, HCPL0500, HCPL0501,
HCPL0530, HCPL0531, HCPL0534
High Speed Transistor Optocouplers
Single Channel: HCPL0452 HCPL0453 HCPL0500 HCPL0501
Dual Channel: HCPL0530 HCPL0531 HCPL0534
Features
High speed – 1 MBit/s
15kV/µs minimum commone mode transient immunity
at VCM = 1500V (HCPL0453/0534)
Open collector output
Guaranteed performance over temperature: 0°C to
70°C
U.L. recognized (File # E90700)
VDE0884 recognized (file#136616)
– approval pending for HCPL0530/0531/0453
– ordering option V, e.g., HCPL0500V
BSI recognized (file# 8661, 8662)
– HCPL0452/0500/0501 only
Applications
Line receivers
Pulse transformer replacement
Output interface to CMOS-LSTTL-TTL
Wide bandwidth analog coupling
Description
The HCPL05XX, and HCPL04XX optocouplers consist of
an AlGaAs LED optically coupled to a high speed photo-
detector transistor housed in a compact 8-pin small out-
line package.
A separate connection for the bias of the photodiode
improves the speed by several orders of magnitude over
conventional phototransistor optocouplers by reducing
the base-collector capacitance of the input transistor. The
HCPL04XX devices do not have the base bonded out to
a lead for additional noise margin. The HCPL053X
devices have two channels per package for optimum
mounting density.
Truth Table
(positive Logic)
Schematics
LED
VO
ON
LOW
OFF
HIGH
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
*
N/C
N/C
HCPL0500, HCPL0501
*BASE NOT CONNECTED
FOR HCPL0452, HCPL0453
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
V
F2
_
+
HCPL0530/HCPL0531/HCPL0534


Podobny numer części - HCPL0453

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL0453 FAIRCHILD-HCPL0453 Datasheet
335Kb / 12P
   Single Channel HCPL0452 HCPL0453 HCPL0500 HCPL0501
More results

Podobny opis - HCPL0453

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com