Zakładka z wyszukiwarką danych komponentów |
|
BD237NPN Arkusz danych(PDF) 3 Page - Continental Device India Limited |
|
BD237NPN Arkusz danych(HTML) 3 Page - Continental Device India Limited |
3 / 4 page BD233 BD234 BD235 BD236 BD237 BD238 NPN PNP TO126 Plastic Package TO-126 (SOT-32) Plastic Package TO-126 TUBE PACKING PACKAGE Net Weight/Qty Details STANDARD PACK INNER CARTON BOX Qty OUTER CARTON BOX Qty Gr Wt Size Size Packing Details 500 pcs/polybag 340 gm/500 pcs TO-126 Bulk 3" x 7.5" x 7.5" 2K 17" x 15" x 13.5" 32K 31 kgs TO-126 Tube 50 pcs/tube 73 gm/50 pcs 3" x 3.7" x 21.5" 1K 19" x 19" x 19" 10K 15 kgs Pin Configuration 1. Emitter 2. Collector 3. Base All dimensions in mm. DIM MIN A B C D E 2.25 TYP. 4.5 TYP. 15.7 TYP. 1.27 TYP. 3.75 TYP. 2.5 TYP. F 0.49 7.4 10.5 2.4 0.7 3.0 G L M N P S MAX 7.8 10.8 2.7 0.9 0.75 3.2 A N P B S 1 2 3 D E G F C M L 3 2 1 3.0 3.0 0 mm ±0' 30" ±0.8 ±0.5 ±0.3 ±0.2 ±0.1 315 mm 315 mm 120 mm 30 mm 5 mm ANGULAR ABOVE 120.01 mm GENERAL TOLERANCE 30.01 mm 0.01 mm ±0.10 ±0.50 532.00 MARKING SIDE +0 ±0.05 71.00 ø3.10 THRU (2 NOS) A A 390.00 -1.00 ø5.90 THRU (2 NOS) 3.5 10.0 PRINTING AREA 6.5 11.0 6.0 2 9.0 4 20.0 7.0 3 3.5 6.0 7.0 7.0 3CP 66382 ANTISTATICz 03 PVC ARROW DIN SYMBOL SECTION AA ±0.10 END PIN (2 PCS/TUBE) 11.95 R2.5 +0.1 -0 7.6 3.35 +0 -0.1 1.0 MATL:- PVC BLACK WITH ANTISTATIC DIPPING 1.00 1.20 R 0.50 MARKING SIDE 3.70 0.65 All dimensions in mm Notes: 1. All print in black. 2. All text in Helvetia medium font. AMMO PACK SIZE 20 Tubes/Ammo Pack 1000 Pcs./Ammo Pack Label 538 .00 75.0 Continental Device India Limited Data Sheet Page 3 of 4 |
Podobny numer części - BD237NPN |
|
Podobny opis - BD237NPN |