Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP08 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC10EP08
Szczegółowy opis  3.3V / 5V ECL 2-Input Differential XOR/XNOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP08 Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC10EP08 Datasheet HTML 1Page - ON Semiconductor MC10EP08 Datasheet HTML 2Page - ON Semiconductor MC10EP08 Datasheet HTML 3Page - ON Semiconductor MC10EP08 Datasheet HTML 4Page - ON Semiconductor MC10EP08 Datasheet HTML 5Page - ON Semiconductor MC10EP08 Datasheet HTML 6Page - ON Semiconductor MC10EP08 Datasheet HTML 7Page - ON Semiconductor MC10EP08 Datasheet HTML 8Page - ON Semiconductor MC10EP08 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MC10EP08, MC100EP08
http://onsemi.com
4
Table 6. 10EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 6)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
20
28
36
20
30
38
20
32
38
mA
VOH
Output HIGH Voltage (Note 7)
3865
3940
4115
3930
4055
4180
3990
4115
4240
mV
VOL
Output LOW Voltage (Note 7)
3065
3190
3315
3130
3255
3380
3190
3315
3440
mV
VIH
Input HIGH Voltage (Single−Ended)
3790
4115
3855
4180
3915
4240
mV
VIL
Input LOW Voltage (Single−Ended)
3065
3390
3130
3455
3190
3515
mV
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 8)
2.0
5.0
2.0
5.0
2.0
5.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
6. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
7. All loading with 50 W to VCC − 2.0 V.
8. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
Table 7. 10EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = −5.5 V to −3.0 V (Note 9)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
20
28
36
20
30
38
20
32
38
mA
VOH
Output HIGH Voltage (Note 10)
−1135 −1010
−885
−1070
−945
−820
−1010
−885
−760
mV
VOL
Output LOW Voltage (Note 10)
−1935 −1810 −1685 −1870 −1745 −1620 −1810 −1685 −1560
mV
VIH
Input HIGH Voltage (Single−Ended)
−1210
−885
−1145
−820
−1085
−760
mV
VIL
Input LOW Voltage (Single−Ended)
−1935
−1610 −1870
−1545 −1810
−1485
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 11)
VEE + 2.0
0.0
VEE + 2.0
0.0
VEE + 2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−150
0.5
−150
0.5
−150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
9. Input and output parameters vary 1:1 with VCC.
10.All loading with 50 W to VCC − 2.0 V.
11. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.


Podobny numer części - MC10EP08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
MC10EP08 ONSEMI-MC10EP08 Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
MC10EP08 ONSEMI-MC10EP08 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
MC10EP08D ONSEMI-MC10EP08D Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
MC10EP08D ONSEMI-MC10EP08D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

Podobny opis - MC10EP08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100EP08DG ONSEMI-MC100EP08DG Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
Micrel Semiconductor
SY10EP08V MICREL-SY10EP08V Datasheet
110Kb / 7P
   5V/3.3V DIFFERENTIAL 2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
MC10E107 ONSEMI-MC10E107_06 Datasheet
127Kb / 8P
   5V ECL Quint 2-Input XOR/XNOR Gate
November, 2006 ??Rev. 7
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07_06 Datasheet
145Kb / 9P
   5.0 V ECL 2-Input XOR/XNOR
December, 2006 ??Rev. 6
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
   2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com